Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1-1M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC6V1-1M2
Description  Single line low capacitance Transil for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1-1M2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC6V1-1M2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESDALC6V1-1M2
Characteristics
3/10
Figure 4.
Clamping voltage versus peak
pulse current, rectangular
waveform
Figure 5.
Forward voltage drop versus peak
forward current (typical values)
Figure 6.
Capacitance versus reverse applied
voltage (typical values)
Figure 7.
Relative variation of the leakage
current versus junction
temperature (typical values)
IPP(A)
0.1
1.0
10.0
100.0
0
5
10
15
20
25
30
35
40
8/20 µs
T
j initial =25 °C
0.1
1.0
10.0
100.0
0
5
10
15
20
25
30
35
40
8/20 µs
T
j initial =25 °C
VCL(V)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.2
0.4
0.6
0.8
1.0
1.2
1.4
I
FM(A)
T
j =25 °C
T
j =125 °C
T
j =-40 °C
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.2
0.4
0.6
0.8
1.0
1.2
1.4
I
FM(A)
T
j =25 °C
T
j =25 °C
T
j =125 °C
T
j =125 °C
T
j =-40 °C
VFM(V)
VFM(V)
C(pF)
0
5
10
15
20
25
01
23
45
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
0
5
10
15
20
25
01
23
45
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
VR(V)
I
R [Tj]/IR [Tj=25°C]
1
10
100
25
50
75
100
125
150
V
R =3V
1
10
100
25
50
75
100
125
150
V
R =3V
Tj(°C)
Figure 8.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on each
channel
Figure 9.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on each
channel
21V
- 15V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com