Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1-1M2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC6V1-1M2
Description  Single line low capacitance Transil for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1-1M2 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC6V1-1M2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ordering information scheme
ESDALC6V1-1M2
4/10
2
Ordering information scheme
Figure 11.
Ordering information scheme
Figure 10.
S21 attenuation measurement
result
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
Attenuation
APLAC 7.91 User: ST Microelectronics Apr 04 2006
f/Hz
ESDALC6V1-1M2
270 MHz
1.81 GHz
- 3 dB
ESDA LC 6V1 - 1M2
ESD Array
Low Capacitance
Package
M2 = SOD882
Breakdown Voltage
6V1 = 6.1 Volts min



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com