Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1-1M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDALC6V1-1M2
Description  Single line low capacitance Transil for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1-1M2 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDALC6V1-1M2 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1-1M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ESDALC6V1-1M2
Package information
5/10
3
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST (also) offers these devices in ECOPACK®
packages. ECOPACK® packages are Lead-free. The category of second level Interconnect
is marked on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin 1
mark is to be used for this purpose.
Table 3.
SOD882 dimensions
Ref
Dimensions
Millimetres
Inches
Min
Typ
Max
Min
Typ
Max
A
0.40
0.47
0.50 0.016 0.019 0.020
A1
0.00
0.05 0.000
0.002
b1
0.20
0.25
0.30 0.008 0.010 0.012
b2
0.20
0.25
0.30 0.008 0.010 0.012
D1.00
0.039
E0.60
0.024
e0.65
0.026
L1
0.45
0.50
0.55 0.018 0.020 0.022
L2
0.45
0.50
0.55 0.018 0.020 0.022
(D/2 xE/2)
INDEX AREA
TOP VIEW
(D/2 xE/2)
INDEX AREA
BOTTOM VIEW
SIDE VIEW
D
OPTIONAL PIN#1 ID
b1
b2
e
Figure 12. Footprint (dimensions in mm) Figure 13. Marking
0.55
0.40
0.50
0.55
N Pin 2
N
N
Pin1
Pin 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com