Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6713A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 1 Page - STMicroelectronics

  L6713A Datasheet HTML 1Page - STMicroelectronics L6713A Datasheet HTML 2Page - STMicroelectronics L6713A Datasheet HTML 3Page - STMicroelectronics L6713A Datasheet HTML 4Page - STMicroelectronics L6713A Datasheet HTML 5Page - STMicroelectronics L6713A Datasheet HTML 6Page - STMicroelectronics L6713A Datasheet HTML 7Page - STMicroelectronics L6713A Datasheet HTML 8Page - STMicroelectronics L6713A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
August 2008
Rev 3
1/64
64
L6713A
2/3 phase controller with embedded drivers for Intel VR10, VR11
and AMD 6 bit CPUs
Features
■ Load transient boost LTB Technology™ to
minimize the number of output capacitors
(patent pending)
■ Dual-edge asynchronous PWM
■ Selectable 2 or 3 phase operation
■ 0.5 % output voltage accuracy
■ 7/8 bit programmable output up to 1.60000 V -
Intel VR10.x, VR11 DAC
■ 6 bit programmable output up to 1.5500 V -
AMD 6 bit DAC
■ High current integrated gate drivers
■ Full differential current sensing across inductor
■ Embedded VRD thermal monitor
■ Differential remote voltage sensing
■ Dynamic VID management
■ Adjustable voltage offset
■ Low-side-less startup
■ Programmable soft-start
■ Programmable over voltage protection
■ Preliminary over voltage protection
■ Programmable over current protection
■ Adjustable switching frequency
■ Output enable
■ SS_END / PGOOD signal
■ TQFP64 10x10 mm package with exposed pad
Applications
■ High current VRD for desktop CPUs
■ Workstation and server CPU power supply
■ VRM modules
Description
L6713A implements a two/three phase step-down
controller with 180º/120º phase-shift between
each phase with integrated high current drivers in
a compact 10x10 mm body package with exposed
pad.The 2 or 3 phase operation can be easily
selected through PHASE_SEL pin.
Load transient boost LTB Technology™ (patent
pending) reduces system cost by providing the
fastest response to load transition therefore
requiring less bulk and ceramic output capacitors
to satisfy load transient requirements.
LTB Technology™ can be disabled and in this
condition the device works as a dual-edge
asynchronous PWM.
The device embeds selectable DACs: the output
voltage ranges up to 1.60000 V (both Intel VR10.x
and VR11 DAC) or up to 1.5500 V (AMD 6BIT
DAC) managing D-VID with ± 0.5% output voltage
accuracy over line and temperature variations.
The controller assures fast protection against load
over current and under / over voltage (in this last
case also before UVLO). In case of over-current
the device turns off all MOSFET and latches the
condition.
System thermal monitor is also provided allowing
system protection from over-temperature
conditions.
TQFP64 (Exposed pad)
Table 1.
Device summary
Order codes
Package
Packaging
L6713A
TQFP64 (Exposed pad)
Tube
L6713ATR
Tape and reel
www.st.com


Similar Part No. - L6713A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
L6713A HOLTEK-L6713A Datasheet
626Kb / 64P
2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
L6713ATR HOLTEK-L6713ATR Datasheet
626Kb / 64P
2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
logo
STMicroelectronics
L6713A_0805 STMICROELECTRONICS-L6713A_0805 Datasheet
48Kb / 3P
2/3/4 phase controller with embedded drivers for Intel VR11.1
02-May-2008
More results

Similar Description - L6713A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6714 STMICROELECTRONICS-L6714 Datasheet
677Kb / 70P
4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
07-Nov-2006
logo
Intersil Corporation
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
February 15, 2007
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
February 14, 2007
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
April 29, 2010
logo
Holtek Semiconductor In...
L6713A HOLTEK-L6713A Datasheet
626Kb / 64P
2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
logo
Intersil Corporation
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
February 25, 2010
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com