Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6713A Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 10Page - STMicroelectronics L6713A Datasheet HTML 11Page - STMicroelectronics L6713A Datasheet HTML 12Page - STMicroelectronics L6713A Datasheet HTML 13Page - STMicroelectronics L6713A Datasheet HTML 14Page - STMicroelectronics L6713A Datasheet HTML 15Page - STMicroelectronics L6713A Datasheet HTML 16Page - STMicroelectronics L6713A Datasheet HTML 17Page - STMicroelectronics L6713A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Electrical characteristics
L6713A
14/64
Reference and DAC
kVID
Output voltage accuracy
Intel mode
VID = 1.000 V to VID = 1.600 V
FB = VOUT; FBG = GNDOUT
-0.5
-
0.5
%
AMD mode
VID = 1.000 V to VID = 1.550 V
FB = VOUT; FBG = GNDOUT
-0.6
-
0.6
%
VBOOT
Boot voltage
Intel mode
1.081
V
IVID
VID pull-up current
Intel mode; VIDx to SGND
25
μA
VID pull-down current
AMD mode; VIDx to 5.4 V
12.5
μA
VIDIL
VID thresholds
Intel mode; Input low
AMD mode; Input low
0.3
0.8
V
VIDIH
Intel mode; Input high
AMD mode; Input high
0.8
1.35
V
VID_SEL
VID_SEL threshold
(Intel mode)
Input low
Input high
0.8
0.3
V
VID_SEL pull-up current
VIDSEL to SGND
12.5
μA
Error amplifier
A0
EA DC gain
80
dB
SR
EA slew rate
COMP = 10 pF to SGND
20
V/
μs
Differential current sensing and offset
ICSx+
Bias current
Inductor sense
0
μA
Current sense mismatch
Rg = 1 k
Ω; I
INFOx = 25 μA-3
-
3
%
VOCTH
Over current threshold
VOCSET (OCP)
1.215
1.240
1.265
V
KIOCSET
OCSET current accuracy
Rg = 1 k
Ω
2-PHASE, IOCSET = 60 μA;
3-PHASE, IOCSET = 90 μA;
-5
-
5
%
kIDROOP
Droop current deviation from
nominal value
Rg = 1k
Ω
2-PHASE, IDROOP = 0 to 40 μA;
3-PHASE, IDROOP = 0 to 60 μA;
-1
-
1
μA
IOFFSET
Offset current
VSEN = 0.500 V to 1.600 V
90
100
110
μA
Gate driver
tRISE_UGATEx HS rise time
BOOTx - PHASEx = 10 V;
CUGATEx to PHASEx = 3.3 nF
15
30
ns
IUGATEx
HS source current
BOOTx - PHASEx = 10 V
2
A
RUGATEx
HS sink resistance
BOOTx - PHASEx = 12 V
1.5
2
2.5
Ω
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
I
INFOx
I
AVG
–
I
AVG
------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com