Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6713A Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 44Page - STMicroelectronics L6713A Datasheet HTML 45Page - STMicroelectronics L6713A Datasheet HTML 46Page - STMicroelectronics L6713A Datasheet HTML 47Page - STMicroelectronics L6713A Datasheet HTML 48Page - STMicroelectronics L6713A Datasheet HTML 49Page - STMicroelectronics L6713A Datasheet HTML 50Page - STMicroelectronics L6713A Datasheet HTML 51Page - STMicroelectronics L6713A Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Output voltage monitor and protections
L6713A
48/64
Figure 22.
Output voltage protections and typical principle connections
17.3
Over voltage and programmable OVP
Once VCC crosses the turn-ON threshold and the device is enabled (OUTEN = 1), L6713A
provides an over voltage protection: when the voltage sensed by VSEN overcomes the OVP
threshold, the controller permanently switches on all the low-side MOSFETs and switches
OFF all the high-side MOSFETs in order to protect the load. The OSC/ FAULT pin is driven
high (5 V) and power supply or OUTEN pin cycling is required to restart operations.The OVP
Threshold varies according to the operative mode selected (See Table 12).
The OVP threshold can be also programmed through the OVP pin: leaving the pin floating, it
is internally pulled-up and the OVP threshold is set according to Table 12. Connecting the
OVP pin to SGND through a resistor ROVP, the OVP threshold becomes the voltage present
at the pin. Since the OVP pin sources a constant IOVP = 12.5 μA current(See Table 5), the
programmed voltage becomes:
Filter OVP pin with 100 pF(max) vs. SGND.
17.4
PGOOD (only for AMD mode)
It is an open-drain signal set free after the soft-start sequence has finished. It is pulled low
when the output voltage drops below -300 mV of the programmed voltage.
VCC
VCCDR1
VCCDR2
VCCDR3
+12V
+5V
SB
2.2
Ω
2.2
Ω
BAT54C
1
μF
Vcc
UVLO
OVP
UVLO
VCC
Preliminary OVP Enabled
VSEN Monitored
No Protection
Provided
(OUTEN = 1)
Programmable OVP
VSEN Monitored
(OUTEN = 0)
Preliminary OVP
VSEN Monitored
OVP
TH
R
OVP
12.5
μA
⋅
=
R
OVP
OVP
TH
12.5
μA
--------------------
=
⇒



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com