Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6713A Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 29Page - STMicroelectronics L6713A Datasheet HTML 30Page - STMicroelectronics L6713A Datasheet HTML 31Page - STMicroelectronics L6713A Datasheet HTML 32Page - STMicroelectronics L6713A Datasheet HTML 33Page - STMicroelectronics L6713A Datasheet HTML 34Page - STMicroelectronics L6713A Datasheet HTML 35Page - STMicroelectronics L6713A Datasheet HTML 36Page - STMicroelectronics L6713A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
L6713A
Current reading and current sharing loop
33/64
The Rg trans-conductance resistor has to be selected using the following formula, in order
to guarantee the correct functionality of internal current reading circuitry:
Current sharing control loop reported in Figure 9: it considers a current IINFOx proportional to
the current delivered by each phase and the average current
. The error
between the read current IINFOx and the reference IAVG is then converted into a voltage that
with a proper gain is used to adjust the duty cycle whose dominant value is set by the
voltage error amplifier in order to equalize the current carried by each phase. Details about
connections are shown in Figure 8.
Figure 9.
Current sharing loop
Rg
DCR MAX
()
20
μA
--------------------------------
I
OUT MAX
()
N
-------------------------------
⋅
=
AVG
ΣI
INFOx N
⁄
=
I
INFO1
PWM1 Out
From EA
I
INFO2
I
AVG
PWM2 Out
I
INFO3
PWM3 Out
AVG
(PHASE2 Only when using 3-PHASE Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com