Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGE50NC60WD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGE50NC60WD
Description  N-channel 50A - 600V - ISOTOP Ultra fast switching PowerMESHTM IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGE50NC60WD Datasheet(HTML) 1 Page - STMicroelectronics

  STGE50NC60WD Datasheet HTML 1Page - STMicroelectronics STGE50NC60WD Datasheet HTML 2Page - STMicroelectronics STGE50NC60WD Datasheet HTML 3Page - STMicroelectronics STGE50NC60WD Datasheet HTML 4Page - STMicroelectronics STGE50NC60WD Datasheet HTML 5Page - STMicroelectronics STGE50NC60WD Datasheet HTML 6Page - STMicroelectronics STGE50NC60WD Datasheet HTML 7Page - STMicroelectronics STGE50NC60WD Datasheet HTML 8Page - STMicroelectronics STGE50NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2007
Rev 2
1/14
14
STGE50NC60WD
N-channel 50A - 600V - ISOTOP
Ultra fast switching PowerMESH™ IGBT
■ High current capability
■ High frequency operation
■ Low CRES/CIES ratio (no cross-conduction
susceptibility
■ Very soft ultra fast recovery antiparallel diode
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “W” identifies a family
optimized for very high frequency applications.
Applications
■ Very high frequency inverters
■ HF, SMPS and PFC in both hard switching and
resonant topologies
■ UPS
■ Motor drivers
■ Welding
Figure 1.
Internal schematic diagram
Features
Type
VCES
VCE(sat) (Max)
@25°C
IC
@100°C
STGE50NC60WD
600V
2.5V
50A
ISOTOP
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGE50NC60WD
GE50NC60WD
ISOTOP
Tube
www.st.com


Similar Part No. - STGE50NC60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGE50NC60VD STMICROELECTRONICS-STGE50NC60VD Datasheet
292Kb / 14P
N-channel 50A - 600V - ISOTOP Very fast PowerMESTM IGBT
24-Jul-2007
More results

Similar Description - STGE50NC60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGE200NB60S STMICROELECTRONICS-STGE200NB60S Datasheet
274Kb / 13P
N-CHANNEL 150A - 600V - ISOTOP PowerMESH™ IGBT
03-Nov-2006
STGE50NB60HD STMICROELECTRONICS-STGE50NB60HD Datasheet
47Kb / 6P
N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
Jun-1999
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH™ IGBT
Aug-2003
STGY40NC60V STMICROELECTRONICS-STGY40NC60V Datasheet
303Kb / 11P
N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT
14-Jul-2004
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD Datasheet
280Kb / 14P
N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH??IGBT
06-Mar-2006
STGY50NC60WD STMICROELECTRONICS-STGY50NC60WD Datasheet
134Kb / 11P
N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
09-Oct-2006
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
14-Jul-2004
STGY40NC60VD STMICROELECTRONICS-STGY40NC60VD Datasheet
290Kb / 14P
N-channel 600V - 50A - Max247 Very fast PowerMESH™IGBT
13-Jul-2007
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_07 Datasheet
306Kb / 14P
N-channel 30A - 600V - TO-247 Ultra fast switching PowerMESH??IGBT
12-Jul-2007
STGE50NC60VD STMICROELECTRONICS-STGE50NC60VD Datasheet
292Kb / 14P
N-channel 50A - 600V - ISOTOP Very fast PowerMESTM IGBT
24-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com