Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGE50NC60WD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGE50NC60WD
Description  N-channel 50A - 600V - ISOTOP Ultra fast switching PowerMESHTM IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGE50NC60WD Datasheet(HTML) 5 Page - STMicroelectronics

  STGE50NC60WD Datasheet HTML 1Page - STMicroelectronics STGE50NC60WD Datasheet HTML 2Page - STMicroelectronics STGE50NC60WD Datasheet HTML 3Page - STMicroelectronics STGE50NC60WD Datasheet HTML 4Page - STMicroelectronics STGE50NC60WD Datasheet HTML 5Page - STMicroelectronics STGE50NC60WD Datasheet HTML 6Page - STMicroelectronics STGE50NC60WD Datasheet HTML 7Page - STMicroelectronics STGE50NC60WD Datasheet HTML 8Page - STMicroelectronics STGE50NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STGE50NC60WD
Electrical characteristics
5/14
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 40A
RG= 3.3Ω, VGE= 15V,
Figure 16, Figure 18
52
17
2400
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 40A
RG= 3.3Ω, VGE= 15V,
Tj = 125°C
Figure 16, Figure 18
50
19
2020
ns
ns
A/µs
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 40A
RG= 3.3Ω, VGE= 15V,
Figure 16, Figure 18
31
240
35
ns
ns
ns
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 40A
RG= 3.3Ω, VGE= 15V,
Tj = 125°C
Figure 16, Figure 18
59
280
63
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the tun-on losses when a typical diode is used in the test circuit in Figure 18 If the IGBT is offered in
a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 40A
RG= 3.3Ω, VGE= 15V,
Figure 18
365
560
925
470
790
1260
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 40A
RG= 3.3Ω, VGE= 15V,
Tj = 125°C
Figure 18
635
910
1545
µJ
µJ
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com