Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGE50NC60WD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGE50NC60WD
Description  N-channel 50A - 600V - ISOTOP Ultra fast switching PowerMESHTM IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGE50NC60WD Datasheet(HTML) 4 Page - STMicroelectronics

  STGE50NC60WD Datasheet HTML 1Page - STMicroelectronics STGE50NC60WD Datasheet HTML 2Page - STMicroelectronics STGE50NC60WD Datasheet HTML 3Page - STMicroelectronics STGE50NC60WD Datasheet HTML 4Page - STMicroelectronics STGE50NC60WD Datasheet HTML 5Page - STMicroelectronics STGE50NC60WD Datasheet HTML 6Page - STMicroelectronics STGE50NC60WD Datasheet HTML 7Page - STMicroelectronics STGE50NC60WD Datasheet HTML 8Page - STMicroelectronics STGE50NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STGE50NC60WD
4/14
2
Electrical characteristics
(TJ = 25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-emitter
breakdown voltage
IC= 1mA, VGE= 0
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE= 15V, IC= 40A
VGE= 15V, IC=40A,Tc=125°C
2.1
1.9
2.6
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE= Max rating,TC= 25°C
VCE= Max rating,TC= 125°C
500
5
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE= ±20V, VCE= 0
±100
nA
gfs
Forward transconductance
VCE = 15V, IC= 40A
25
S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25V, f = 1MHz,
VGE = 0
4700
410
90
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390V, IC = 40A,
VGE = 15V,
Figure 17
195
32
82
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com