Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675S Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 10Page - STMicroelectronics PM6675S Datasheet HTML 11Page - STMicroelectronics PM6675S Datasheet HTML 12Page - STMicroelectronics PM6675S Datasheet HTML 13Page - STMicroelectronics PM6675S Datasheet HTML 14Page - STMicroelectronics PM6675S Datasheet HTML 15Page - STMicroelectronics PM6675S Datasheet HTML 16Page - STMicroelectronics PM6675S Datasheet HTML 17Page - STMicroelectronics PM6675S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Typical operating characteristics
PM6675S
14/53
Figure 9.
VOUT line regulation, 1.5 V, 0 A
Figure 10.
VOUT line regulation, 1.25 V, 0 A
1.510
1.515
1.520
1.525
1.530
1.535
1.540
0
102030
Input Voltage [V]
SKIP @ 0A
No Aud. SKIP @ 0A
PWM @ 0A
1.260
1.265
1.270
1.275
1.280
1.285
0
102030
Input Voltage [V]
SKIP @ 0A
No Aud. SKIP @ 0A
PWM @ 0A
Figure 11.
VOUT line regulation, 1.5 V
Figure 12.
VOUT line regulation, 1.25 V
1.5130
1.5135
1.5140
1.5145
1.5150
1.5155
1.5160
1.5165
1.5170
0
5
10
15
20
25
30
Input Voltage [V]
PWM @ 0A
PWM @ 7A
1.2625
1.2630
1.2635
1.2640
1.2645
1.2650
1.2655
1.2660
0
5
10
15
20
25
30
Input Voltage [V]
PWM @ 0A
PWM @ 7A
Figure 13.
Switching frequency vs input
voltage, 1.5 V
Figure 14.
Switching frequency vs input
voltage, 1.25 V
250
300
350
400
450
500
550
600
0
5
10
15
20
25
30
Input Voltage [V]
PWM @ 0A
PWM @ 7A
200
250
300
350
400
450
500
550
600
0
5
10
15
20
25
30
Input Voltage [V]
PWM @ 0A
PWM @ 7A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com