Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675S Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 29Page - STMicroelectronics PM6675S Datasheet HTML 30Page - STMicroelectronics PM6675S Datasheet HTML 31Page - STMicroelectronics PM6675S Datasheet HTML 32Page - STMicroelectronics PM6675S Datasheet HTML 33Page - STMicroelectronics PM6675S Datasheet HTML 34Page - STMicroelectronics PM6675S Datasheet HTML 35Page - STMicroelectronics PM6675S Datasheet HTML 36Page - STMicroelectronics PM6675S Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
PM6675S
Device description
33/53
7.1.7
Switching section power good signal
The SPG pin is an open drain output used to monitor output voltage through VSNS (in fixed
output voltage mode) or VSEL (in adjustable output voltage mode) pins and is enabled after
the soft-start timer has expired. The SPG signal is held low if the output voltage drops 10%
below or rises 10 % above the nominal regulated value. The SPG output can sink current up
to 4 mA.
7.1.8
Switching section output discharge
Active soft-end of the output occurs when the SWEN (SWitching ENable) is forced low.
When the switching section is turned off, an internal 25
Ω resistor discharges the output
through the VSNS pin.
Figure 43.
Switching section soft-end
Figure 42.
Soft-start at heavy load (a) and short-circuit (b) conditions, Pulse-Skip enabled
(a)
(b)
SWEN
VOUT
Resistive Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com