Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675S Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 15Page - STMicroelectronics PM6675S Datasheet HTML 16Page - STMicroelectronics PM6675S Datasheet HTML 17Page - STMicroelectronics PM6675S Datasheet HTML 18Page - STMicroelectronics PM6675S Datasheet HTML 19Page - STMicroelectronics PM6675S Datasheet HTML 20Page - STMicroelectronics PM6675S Datasheet HTML 21Page - STMicroelectronics PM6675S Datasheet HTML 22Page - STMicroelectronics PM6675S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
PM6675S
Device description
19/53
7
Device description
The PM6675S combines a single high efficiency step-down controller and an independent
Low Drop-Out (LDO) linear regulator in the same package.
The switching controller section is a high-performance, pseudo-fixed frequency, Constant-
On-Time (COT) based regulator specifically designed for handling fast load transient over a
wide range of input voltages.
The switching section output can be easily set to a fixed 1.5 V voltage without additional
components or adjusted in the 0.6 V to 3.3 V range using an external resistor divider. The
Switching Mode Power Supply (SMPS) can handle different modes of operation in order to
minimize noise or power consumption, depending on the application needs. Selectable low-
consumption and low-noise modes allow the highest efficiency and a 33 kHz minimum
switching frequency respectively at light loads.
A lossless current sensing scheme, based on the Low-Side MOSFET turn-on resistance,
avoids the need for an external sensing resistor.
The input of the LDO can be either the switching section output or a lower voltage rail in
order to reduce the total power dissipation. Linear regulator stability is achieved by filtering
its output with a ceramic capacitor (20
µF or greater). The LDO linear regulator can sink and
source up to 2 Apk.
Two fixed current limit (±1 A-±2 A) can be chosen.
An active soft-end is independently performed on both the switching and the linear
regulators outputs when disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com