Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675S Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM6675S
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675S Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM6675S Datasheet HTML 26Page - STMicroelectronics PM6675S Datasheet HTML 27Page - STMicroelectronics PM6675S Datasheet HTML 28Page - STMicroelectronics PM6675S Datasheet HTML 29Page - STMicroelectronics PM6675S Datasheet HTML 30Page - STMicroelectronics PM6675S Datasheet HTML 31Page - STMicroelectronics PM6675S Datasheet HTML 32Page - STMicroelectronics PM6675S Datasheet HTML 33Page - STMicroelectronics PM6675S Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Device description
PM6675S
30/53
7.1.4
Mode-of-operation selection
Figure 39.
VSEL and NOSKIP multifunction pin configurations
The PM6675S has been designed to satisfy the widest range of applications. The device is
provided with some multilevel pins which allow the user to choose the appropriate
configuration. The VSEL pin is used to firstly decide between fixed preset or adjustable
(user defined) output voltages.
When the VSEL pin is connected to +5 V, the PM6675S sets the switching section output
voltage to 1.5 V without the need of an external divider.
Applications requiring different output voltages can be managed by PM6675S simply setting
the adjustable mode. Consider that if the VSEL pin voltage is higher than 4 V, the fixed
output mode is selected. When connecting an external divider to the VSEL pin, it is used as
negative input of the error amplifier and the output voltage is given by expression (20).
Equation 20
The output voltage can be set in the range from 0.6 V to 3.3 V.
The NOSKIP is the power saving algorithm selector: if tied to +5 V, the forced-PWM (fixed
frequency) control is performed. If grounded or connected to VREF pin (1.237 V reference
voltage), the Pulse-Skip or Non-Audible Pulse-Skip Modes are respectively selected.
PM6675
NOSKIP
VSEL
R9
R8
VOUT
+5V
VREF
PM6675S
8
R
9
R
8
R
6
.
0
VOUT
ADJ
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com