Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORLI10G Datasheet(PDF) 49 Page - Lattice Semiconductor

Part # ORLI10G
Description  Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORLI10G Datasheet(HTML) 49 Page - Lattice Semiconductor

Back Button ORLI10G Datasheet HTML 45Page - Lattice Semiconductor ORLI10G Datasheet HTML 46Page - Lattice Semiconductor ORLI10G Datasheet HTML 47Page - Lattice Semiconductor ORLI10G Datasheet HTML 48Page - Lattice Semiconductor ORLI10G Datasheet HTML 49Page - Lattice Semiconductor ORLI10G Datasheet HTML 50Page - Lattice Semiconductor ORLI10G Datasheet HTML 51Page - Lattice Semiconductor ORLI10G Datasheet HTML 52Page - Lattice Semiconductor ORLI10G Datasheet HTML 53Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
Lattice Semiconductor
ORCA ORLI10G Data Sheet
49
Pin Information
Pin Descriptions
This section describes the pins found on the Series 4 FPGAs. Any pin not described in this table is a user-program-
mable I/O. During configuration, the user-programmable I/Os are 3-stated with an internal pull-up resistor enabled.
If any pin is not used (or not bonded to a package pin), it is also 3-stated with an internal pull-up resistor enabled
after configuration. The pin descriptions in Table 12 and throughout this data sheet show active-low signals with an
overscore. The package pinout tables that follow show this as a signal ending with _N. Therefore, LDC and LDC_N
are equivalent.
Table 12. Pin Descriptions
Symbol
I/O
Description
Dedicated Pins
VDD33
—
3.3 V positive power supply. This power supply is used for 3.3 V configuration RAMs and internal
PLLs. When using PLLs, this power supply should be well isolated from all other power supplies on
the board for proper operation.
VDD15
—
1.5 V positive power supply for internal logic.
VDDIO
—
Positive power supply used by I/O banks.
VSS
—
Ground.
PTEMP
I
Temperature sensing diode pin. Dedicated input.
RESET
I
During configuration, RESET forces the restart of configuration and a pull-up is enabled. After con-
figuration, RESET can be used as a general FPGA input or as a direct input, which causes all PLC
latches/Flip-Flops to be asynchronously set/reset.
CCLK
O
In the master and asynchronous peripheral modes, CCLK is an output which strobes configuration
data in.
I
In the slave or readback after configuration, CCLK is input synchronous with the data on DIN or
D[7:0]. CCLK is an output for daisy-chain operation when the lead device is in master, peripheral, or
system bus modes.
DONE
I
As an input, a low level on DONE delays FPGA start-up after configuration.*
O
As an active-high, open-drain output, a high level on this signal indicates that configuration is com-
plete. DONE has an optional pull-up resistor.
PRGM
I
PRGM
is an active-low input that forces the restart of configuration and resets the boundary-scan
circuitry. This pin always has an active pull-up.
RD_CFG
I
This pin must be held high during device initialization until the INIT pin goes high. This pin always
has an active pull-up.
During configuration, RD_CFG is an active-low input that activates the TS_ALL function and 3-states
all of the I/O.
After configuration, RD_CFG can be selected (via a bit stream option) to activate the TS_ALL func-
tion as described above, or, if readback is enabled via a bit stream option, a high-to-low transition on
RD_CFG
will initiate readback of the configuration data, including PFU output states, starting with
frame address 0.
RD_DATA/TDO
O
RD_DATA/TDO is a dual-function pin. If used for readback, RD_DATA provides configuration data
out. If used in boundary-scan, TDO is test data out.
CFG_IRQ/MPI_IR
Q
O
During JTAG, slave, master, and asynchronous peripheral configuration, assertion on this CFG_IRQ
(active-low) indicates an error or errors for block RAM or FPSC initialization.
MPI active-low interrupt
request output, when the MPI is used.
LVDS_R
—
Reference resistor connection for controlled impedance termination of Series 4 FPGA LVDS inputs.
*The timing of DONE release is controlled by one set of bit stream options, and the timing of the simultaneous release of all
other configuration pins (and the activation of all user I/Os) is controlled by a second set of options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com