Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORLI10G Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # ORLI10G
Description  Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORLI10G Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button ORLI10G Datasheet HTML 17Page - Lattice Semiconductor ORLI10G Datasheet HTML 18Page - Lattice Semiconductor ORLI10G Datasheet HTML 19Page - Lattice Semiconductor ORLI10G Datasheet HTML 20Page - Lattice Semiconductor ORLI10G Datasheet HTML 21Page - Lattice Semiconductor ORLI10G Datasheet HTML 22Page - Lattice Semiconductor ORLI10G Datasheet HTML 23Page - Lattice Semiconductor ORLI10G Datasheet HTML 24Page - Lattice Semiconductor ORLI10G Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Lattice Semiconductor
ORCA ORLI10G Data Sheet
21
Figure 8. Demultiplexer Serial-to-Parallel Conversion Divide by 4, 10G Mode
0
048
C
1908
0
00000000
01234567
0
(RX_ENB8_OUT[1:3] = 0)
RX_CLK_IN0
RX_CLK8_OUT0
(RX_CLK8_OUT[1:3] = 0)
RX_DAT_IN
[15:12]
RX_ENB8_OUT0
RX_DAT_IN
[11:8]
RX_DAT_IN
[7:4]
RX_DAT_IN
[3:0]
RX_DAT_OUT
[63:32]
RX_DAT_OUT
[31:0]
0
1
5
9D3
B
2
A
0
0
26A
E
5
D
4
C
0
0
37B
F
7
F
6
E
0
13579BDF
00000000
89ABCDEF
0
02468ACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com