Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORLI10G Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # ORLI10G
Description  Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORLI10G Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button ORLI10G Datasheet HTML 9Page - Lattice Semiconductor ORLI10G Datasheet HTML 10Page - Lattice Semiconductor ORLI10G Datasheet HTML 11Page - Lattice Semiconductor ORLI10G Datasheet HTML 12Page - Lattice Semiconductor ORLI10G Datasheet HTML 13Page - Lattice Semiconductor ORLI10G Datasheet HTML 14Page - Lattice Semiconductor ORLI10G Datasheet HTML 15Page - Lattice Semiconductor ORLI10G Datasheet HTML 16Page - Lattice Semiconductor ORLI10G Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Lattice Semiconductor
ORCA ORLI10G Data Sheet
13
Figure 3. 10G (Single-Channel) and 2.5G (Quad-Channel) Modes
DATA
128 OR 64
2.5G MODE
RECEIVE PATH
LVDS CLOCK
LVDS DATA
CORE
FPGA
RX_CLK8_OUT3
32 OR 16
4
DEMUX
FPGA
CORE
LVDS DATA
16
RX_CLK_IN[0]
RX_CLK_IN[3:1]
RX[1:2]VCOP
2
DATA
10G MODE
DIV BY 8
OR
DIV BY 4
DIV BY 8
MUX
LVDS
16
TX_CLK_IN
CORE
128 OR 64
FPGA
DATA
UNUSED
REFERENCE
DATA
TRANSMIT PATH
DIV BY 8
OR
DIV BY 4
1
1
LVDS CLOCK
LVDS DATA
RX_CLK8_OUT2
32 OR 16
4
DEMUX
DATA
DIV BY 8
OR
DIV BY 4
1
1
LVDS CLOCK
LVDS DATA
RX_CLK8_OUT1
32 OR 16
4
DEMUX
DATA
DIV BY 8
OR
DIV BY 4
1
1
LVDS CLOCK
LVDS DATA
RX_CLK8_OUT0
32 OR 16
4
DEMUX
DATA
DIV BY 8
OR
DIV BY 4
1
1
RECEIVE PATH
DEMUX
CLOCK
DIV BY 4
TX[1:2]VCOP
2
TX_CLK_OUT[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com