Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA308A Datasheet(PDF) 54 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 50Page - STMicroelectronics STA308A Datasheet HTML 51Page - STMicroelectronics STA308A Datasheet HTML 52Page - STMicroelectronics STA308A Datasheet HTML 53Page - STMicroelectronics STA308A Datasheet HTML 54Page - STMicroelectronics STA308A Datasheet HTML 55Page - STMicroelectronics STA308A Datasheet HTML 56Page - STMicroelectronics STA308A Datasheet HTML 57Page - STMicroelectronics STA308A Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
Registers
STA308A
54/63
7.2.78
Coefficient write control register (0x4C)
Coefficients for EQ and Bass Management are handled internally in the STA308A via RAM.
Access to this RAM is available to the user via an I2C register interface.
A collection of I2C registers are dedicated to this function. One contains a coefficient base
address, five sets of three store the values of the 24-bit coefficients to be written or that were
read, and one contains bits used to control the write of the coefficient(s) to RAM. The
following are instructions for reading and writing coefficients.
7.3
Reading a coefficient from RAM
1.
write top 2-bits of address to I2C register 0x3B
2.
write bottom 8-bits of address to I2C register 0x3C
3.
read top 8-bits of coefficient in I2C address 0x3D
4.
read middle 8-bits of coefficient in I2C address 0x3E
5.
read bottom 8-bits of coefficient in I2C address 0x3F
7.4
Reading a set of coefficients from RAM
1.
write top 2-bits of address to I2C register 0x3B
2.
write bottom 8-bits of address to I2C register 0x3C
3.
read top 8-bits of coefficient in I2C address 0x3D
4.
read middle 8-bits of coefficient in I2C address 0x3E
5.
read bottom 8-bits of coefficient in I2C address 0x3F
6.
read top 8-bits of coefficient b2 in I2C address 0x40
7.
read middle 8-bits of coefficient b2 in I2C address 0x41
8.
read bottom 8-bits of coefficient b2 in I2C address 0x42
9.
read top 8-bits of coefficient a1 in I2C address 0x43
10. read middle 8-bits of coefficient a1 in I2C address 0x44
11. read bottom 8-bits of coefficient a1 in I2C address 0x45
12. read top 8-bits of coefficient a2 in I2C address 0x46
13. read middle 8-bits of coefficient a2 in I2C address 0x47
14. read bottom 8-bits of coefficient a2 in I2C address 0x48
15. read top 8-bits of coefficient b0 in I2C address 0x49
16. read middle 8-bits of coefficient b0 in I2C address 0x4A
17. read bottom 8-bits of coefficient b0 in I2C address 0x4B
D7
D6
D5
D4
D3
D2
D1
D0
WA
W1
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com