Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA308A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 6Page - STMicroelectronics STA308A Datasheet HTML 7Page - STMicroelectronics STA308A Datasheet HTML 8Page - STMicroelectronics STA308A Datasheet HTML 9Page - STMicroelectronics STA308A Datasheet HTML 10Page - STMicroelectronics STA308A Datasheet HTML 11Page - STMicroelectronics STA308A Datasheet HTML 12Page - STMicroelectronics STA308A Datasheet HTML 13Page - STMicroelectronics STA308A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Pin connections
STA308A
10/63
17
CMOS input buffer with
pull-down
SA
Select address (I2C)
18
Bidirectional buffer: 5-V
tolerant TTL schmitt trigger
input; 3.3-V capable 2mA
slew-rate controlled output.
SDA
Serial data (I2C)
19
5-V tolerant TTL schmitt
trigger input buffer
SCL
Serial clock (I2C)
20
5-V tolerant TTL schmitt
trigger input buffer
XTI
Crystal oscillator input (clock input)
21
Analog pad
FILTER_PLL
PLL filter
23
Analog ground
GNDA
PLL ground
24
3.3V analog supply voltage
VDDA
PLL supply
25
3.3-V capable TTL tristate
4mA output buffer
CKOUT
Clock output
29
3.3-V capable TTL 2mA
output buffer
OUT8B
PWM channel 8 output B
30
3.3-V capable TTL 2mA
output buffer
OUT8A
PWM channel 8 output A
31
3.3-V capable TTL 2mA
output buffer
OUT7B
PWM channel 7 output B
32
3.3-V capable TTL 2mA
output buffer
OUT7A
PWM channel 7 output A
33
3.3-V capable TTL 2mA
output buffer
OUT6B
PWM channel 6 output B
34
3.3-V capable TTL 2mA
output buffer
OUT6A
PWM channel 6 output A
38
3.3-V capable TTL 2mA
output buffer
OUT5B
PWM channel 5 output B
39
3.3-V capable TTL 2mA
output buffer
OUT5A
PWM channel 5 output A
40
3.3-V capable TTL 2mA
output buffer
OUT4B
PWM channel 4 output B
41
3.3-V capable TTL 2mA
output buffer
OUT4A
PWM channel 4 output A
42
3.3-V capable TTL 2mA
output buffer
OUT3B
PWM channel 3 output B
43
3.3-V capable TTL 2mA
output buffer
OUT3A
PWM channel 3 output A
47
3.3-V capable TTL 2mA
output buffer
OUT2B
PWM channel 2 output B
Table 2.
Pin description (continued)
Pin
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com