Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2002DIE2 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 53Page - STMicroelectronics STE2002DIE2 Datasheet HTML 54Page - STMicroelectronics STE2002DIE2 Datasheet HTML 55Page - STMicroelectronics STE2002DIE2 Datasheet HTML 56Page - STMicroelectronics STE2002DIE2 Datasheet HTML 57Page - STMicroelectronics STE2002DIE2 Datasheet HTML 58Page - STMicroelectronics STE2002DIE2 Datasheet HTML 59Page - STMicroelectronics STE2002DIE2 Datasheet HTML 60Page - STMicroelectronics STE2002DIE2 Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
Mechanical data
STE2002
58/61
8
Mechanical data
Figure 53.
Die orientation in tray
Table 30.
Bumps
Bump number
Dimensions
Bumps on single row size
1-187
212-235
256-260
283-323
30
µm x 98 µm x 17.5
Bumps on two rows size
188-211
236-255
261-282
30
µm x 87 µm x 17.5
Pad size
1-323
43
µm x 107µm
Pad pitch
1-323
50
µm
Spacing between bumps
1-323
20
µm
Table 31.
Die mechanical dimensions
Die size
2.07mm x 7.32mm
Wafers thickness
500
µm
STE2002
DIE IDENTIFICATION
Mark 1
Mark 2
Mark 4
Mark 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com