Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2002DIE2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 20Page - STMicroelectronics STE2002DIE2 Datasheet HTML 21Page - STMicroelectronics STE2002DIE2 Datasheet HTML 22Page - STMicroelectronics STE2002DIE2 Datasheet HTML 23Page - STMicroelectronics STE2002DIE2 Datasheet HTML 24Page - STMicroelectronics STE2002DIE2 Datasheet HTML 25Page - STMicroelectronics STE2002DIE2 Datasheet HTML 26Page - STMicroelectronics STE2002DIE2 Datasheet HTML 27Page - STMicroelectronics STE2002DIE2 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
Bus interfaces
STE2002
24/61
5
Bus interfaces
To provide the widest flexibility and ease of use the STE2002 features three different
methods for interfacing the host Controller. To select the desired interface the SEL1 and
SEL2 pads need to be connected to a logic LOW (connect to GND) or a logic HIGH (connect
to VDD). All the I/O pins of the unused interfaces must be connected to GND.
All interfaces are working while the STE2002 is in Power Down
.
5.1
I2C interface
The I2C interface is a fully complying I2C bus specification, selectable to work in both Fast
(400kHz Clock) and High Speed Mode (3.4MHz).
This bus is intended for communication between different Ics. It consists of two lines: one bi-
directional for data signals (SDA) and one for clock signals (SCL). Both the SDA and SCL
lines must be connected to a positive supply voltage via an active or passive pull-up.
The following protocol has been defined:
- Data transfer may be initiated only when the bus is not busy.
- During data transfer, the data line must remain stable whenever the clock line is high.
Changes in the data line
while the clock line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
BUS not busy: Both data and clock lines remain High.
Start Data Transfer: A change in the state of the data line, from High to Low, while the clock
is High, define the START condition.
Stop Data Transfer: A Change in the state of the data line, from low to High, while the clock
signal is High, defines the STOP condition.
Data Valid: The state of the data line represents valid data when after a start condition, the
data line is stable for the duration of the High period of the clock signal. The data on the line
may be changed during the Low period of the clock signal. There is one clock pulse per bit
of data.
Each data transfer is initiated with a start condition and terminated with a stop condition.
The number of data bytes transferred between the start and the stop conditions is not
limited. The information is transmitted byte-wide and each receiver acknowledges with the
ninth bit.
Table 9.
Bus interface
SEL2
SEL1
Interface
Note
00
I2C
Read and Write; Fast
and High Speed Mode
0
1
Serial
Read and Write
1
0
Parallel
Read and Write
1
1
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com