Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2002DIE2 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 41Page - STMicroelectronics STE2002DIE2 Datasheet HTML 42Page - STMicroelectronics STE2002DIE2 Datasheet HTML 43Page - STMicroelectronics STE2002DIE2 Datasheet HTML 44Page - STMicroelectronics STE2002DIE2 Datasheet HTML 45Page - STMicroelectronics STE2002DIE2 Datasheet HTML 46Page - STMicroelectronics STE2002DIE2 Datasheet HTML 47Page - STMicroelectronics STE2002DIE2 Datasheet HTML 48Page - STMicroelectronics STE2002DIE2 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
STE2002
Electrical characteristics
45/61
6.2
DC operation
VDD1 = 1.7 to 3.6 V; VDD2 = 1.75 to 4.2V; Vss1,2 = 0V; VLCD = 4.5 to 14.5 V;
Tamb = 25°C; unless otherwise specified.
Table 26.
Electrical characteristics DC operation
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply voltages
VDD1
Supply voltage(1)
1.7
3.6
V
VDD2
Supply voltage
LCD voltage internally
generated
1.75
4.2
V
VLCDIN
LCD supply voltage
LCD voltage supplied
externally
4.5
14.5
V
VLCDOUT
LCD supply voltage
Internally generated(2);
4.5
14.5
V
I(VDD1)
Supply current
VDD1 = 2.8V;
VLCD = 10V;
fsclk = 0
(3)
15
20
40
µA
VDD1 = 2.8V;
VLCD = 10V; fsclk = 1Mhz;
(1) (3); OSC_IN=GND;
parallel port
120
200
µA
I(VDD2)
Voltage generator supply
current
with VOP = 0 and
PRS = [0:0] with external
VLCD
(4)
1
µA
VDD2= 2.8V;VLCD=10V;
fsclk= 0;
no display load;
5x charge pump (5) (3) (6)
10
40
µA
I(VDD1,2)
Total supply current
VDD1,VDD2= 2.8V;
VLCD = 10V; 5x charge
pump; fsclk = 0;
no display load (5) (3) (6)
25
80
µA
Power down Mode with
internal or External
VLCD(7)
310
µA
I(VLDCIN)
External LCD supply
voltage current
VDD =2.8V;
VLCD =10V;no display
load; fsclk = 0
(3)
510
15
µA
Logic outputs
V0H
High logic level output
voltage
IOH=-500
µA0.8VDD1
VDD1
V
VOL
Low logic level output
voltage
IOL=500
µAVSS
0.2VDD1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com