Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2002DIE2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 40Page - STMicroelectronics STE2002DIE2 Datasheet HTML 41Page - STMicroelectronics STE2002DIE2 Datasheet HTML 42Page - STMicroelectronics STE2002DIE2 Datasheet HTML 43Page - STMicroelectronics STE2002DIE2 Datasheet HTML 44Page - STMicroelectronics STE2002DIE2 Datasheet HTML 45Page - STMicroelectronics STE2002DIE2 Datasheet HTML 46Page - STMicroelectronics STE2002DIE2 Datasheet HTML 47Page - STMicroelectronics STE2002DIE2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Electrical characteristics
STE2002
44/61
6
Electrical characteristics
6.1
Absolute maximum ratings
Table 25.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD1
Supply voltage range
- 0.5 to + 5
V
VDD2
Supply voltage range
- 0.5 to + 7
V
VLCD
LCD Supply Voltage Range
- 0.5 to + 15
V
ISS
Supply current
- 50 to +50
mA
Vi
Input Voltage (all input pads)
-0.5 to VDD2 + 0.5
V
Iin
DC Input Current
- 10 to + 10
mA
Iout
DC Output Current
- 10 to + 10
mA
Ptot
Total Power Dissipation (Tj = 85°C)
300
mW
Po
Power Dissipation per Output
30
mW
Tj
Operating Junction Temperature(1)
1.
Device behavior and characterization are measured over this temperature range during internal
qualification of the product. During production testing, however, device performance is measured at a fixed
ambient temperature, typically 25°C.
-20 to + 120
°C
Tstg
Storage Temperature
- 65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com