Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN8810S12 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STN8810S12
Description  STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810S12 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STN8810S12 Datasheet HTML 3Page - STMicroelectronics STN8810S12 Datasheet HTML 4Page - STMicroelectronics STN8810S12 Datasheet HTML 5Page - STMicroelectronics STN8810S12 Datasheet HTML 6Page - STMicroelectronics STN8810S12 Datasheet HTML 7Page - STMicroelectronics STN8810S12 Datasheet HTML 8Page - STMicroelectronics STN8810S12 Datasheet HTML 9Page - STMicroelectronics STN8810S12 Datasheet HTML 10Page - STMicroelectronics STN8810S12 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STn8810S12 general description
STn8810S12
6/16
1.5
STn8810 processor features
●
Smart video accelerator
–
Real-time MPEG4 or H.263 encoding or decoding, up to VGA 30 fps
–
H.264 encode/decode support
–
JPEG encode or decode, up to 4080 x 4080 pixels
–
Ultra low-power implementation
●
Smart audio accelerator
–
Extensive digital-audio software library
–
Ultra low-power implementation
●
WM9/VC-1 encode/decode support
●
Camera interfaces
–
Supports high-resolution sensors up to 4 Megapixels
–
Serial interface up to 416 Mbit/s (MIPI legacy CSI)
–
Parallel camera CCIR-656 interface up to 66 MHz (MIPI legacy CPI)
●
TV output
●
Advanced power management unit
–
Run, idle, doze and sleep modes
–
CPU clock with programmable frequency
–
Embedded 1.2 V logic supply switch
●
ARM926EJ 32-bit RISC CPU, at 264 MHz
–
32-Kbyte instruction cache, 16-Kbyte data cache
–
3 instruction sets: 32-bit for high performance, 16-bit (Thumb) for efficient code
density, byte Java mode (Jazelle™) for direct execution of Java code
–
Embedded medium trace module (ETM Medium+)
●
On-chip SRAM: 40 Kbytes + 16 Kbytes with secured access + 1 Kbyte backup
●
On-chip ROM: 32 Kbytes for boot + 64 Kbytes with secured access
●
Advanced security
–
Comprehensive security framework
–
Protected access to secured ROM and RAM
●
16-bit DDR/SDR-SDRAM memory controller
●
NOR Flash/NAND Flash/CompactFlash/CF+ controller
●
MultiMediaCard/SD Card host controller
●
Color LCD controller for STN or TFT panels or display interface for display module
–
24-bpp true color
–
MIPI legacy DBI and DPI
●
USB On-The-Go interface up to 12 Mbit/s
●
Host port interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com