Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN8810S12 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STN8810S12
Description  STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810S12 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STN8810S12 Datasheet HTML 5Page - STMicroelectronics STN8810S12 Datasheet HTML 6Page - STMicroelectronics STN8810S12 Datasheet HTML 7Page - STMicroelectronics STN8810S12 Datasheet HTML 8Page - STMicroelectronics STN8810S12 Datasheet HTML 9Page - STMicroelectronics STN8810S12 Datasheet HTML 10Page - STMicroelectronics STN8810S12 Datasheet HTML 11Page - STMicroelectronics STN8810S12 Datasheet HTML 12Page - STMicroelectronics STN8810S12 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STn8810S12 general description
STn8810S12
8/16
1.6
Additional memory devices
1.6.1
1-Gbit NAND Flash memory features
●
NAND interface
–
x16 bus width
–
Multiplexed address/data
–
Pinout compatibility for all densities
●
Page size
–
(1 K + 32 spare) words
●
Block size
–
(64 K + 2 K spare) words
●
Page read/program
–
Random access: 12 µs (max)
–
Sequential access: 50 ns (min)
–
Page program time: 200 µs (typ)
●
Copy back program mode
–
Fast page copy without external buffering
●
Fast block erase
–
Block erase time: 2 ms (typ)
●
Status register
●
Data integrity
–
100,000 program/erase cycles
–
10 years data retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com