Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN8810S12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STN8810S12
Description  STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810S12 Datasheet(HTML) 4 Page - STMicroelectronics

  STN8810S12 Datasheet HTML 1Page - STMicroelectronics STN8810S12 Datasheet HTML 2Page - STMicroelectronics STN8810S12 Datasheet HTML 3Page - STMicroelectronics STN8810S12 Datasheet HTML 4Page - STMicroelectronics STN8810S12 Datasheet HTML 5Page - STMicroelectronics STN8810S12 Datasheet HTML 6Page - STMicroelectronics STN8810S12 Datasheet HTML 7Page - STMicroelectronics STN8810S12 Datasheet HTML 8Page - STMicroelectronics STN8810S12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
STn8810S12
STn8810S12 general description
3/16
1
STn8810S12 general description
The STn8810S12 system from STMicroelectronics is a culmination of breakthroughs in
video coding efficiency, inventive algorithms, chip implementation schemes and enhanced
packaging techniques. The processor and memory package enables multimedia mobile
phones and multimedia portable consumer applications.
The STn8810S12 focuses on the essential features of mobile products and services: a high-
performance multimedia capability coupled with low power consumption, based on an open
platform strategy.
Figure 2.
Typical system architecture using the STn8810S12
CompactFlash/CF+
NAND Flash
NOR Flash
SRAM
ROM
ATA device
Keypad
Nomadik
Low-power
MMC
Debug, trace
32 kHz
13/19.2 MHz
Reset
Audio
FM radio
GPS module
USB device
(e.g. 802.11xWLAN)
Bluetooth
Fast IrDA
GSM/GPRS/EDGE
xCDMA
modem chip set
RF
Touch screen
controller
LCD backlight
codecs
SDRAM
Mobile
DDR SDRAM
SDMC
MMCI
ETM9
JTAG
FSMC
GPIO
I²S
RTC
Clock, reset
UART
UART
I²C
I²C
FIrDA
USB-OTG
PWL
SSP
CLCD/
MDIF
Camera
interfaces
TFT
Mono/color STN
smart panel
TV
output
SD-Card
Denc
STw8009
Energy
management
STw4810
STw5095
HSI
HPI
Camera2
Camera1
NAND Flash
1 Gbit
DDR mobile RAM
512 Mbit
STn8810S12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com