Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN8810S12 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STN8810S12
Description  STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810S12 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STN8810S12 Datasheet HTML 4Page - STMicroelectronics STN8810S12 Datasheet HTML 5Page - STMicroelectronics STN8810S12 Datasheet HTML 6Page - STMicroelectronics STN8810S12 Datasheet HTML 7Page - STMicroelectronics STN8810S12 Datasheet HTML 8Page - STMicroelectronics STN8810S12 Datasheet HTML 9Page - STMicroelectronics STN8810S12 Datasheet HTML 10Page - STMicroelectronics STN8810S12 Datasheet HTML 11Page - STMicroelectronics STN8810S12 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
STn8810S12
STn8810S12 general description
7/16
●
I/O peripherals
–
3 autobaud UARTs (one with modem control signals) up to 3.692 Mbit/s
–
One IrDA (SIR/MIR/FIR) interface up to 4 Mbit/s
–
One synchronous serial port (SSP) up to 24 Mbit/s
–
3 multichannel serial ports (MSP) up to 48 Mbit/s
–
Two I²C multi-master/slave interfaces
–
One 8-channel, full-duplex high-speed serial interface, 108 Mbit/s
–1-Wire®/HDQ interface (a)
●
96 general-purpose I/Os (muxed with peripheral I/Os)
●
System and peripheral controller
–
Multichannel DMA controller
–
32-source interrupt controller
–
Eight 32-bit timers/counters
–
Real-time clock (RTC)
–
Real-time timer (RTT)
–
Watchdog timer
●
Programmable PLL for CPU and system clocks
●
13/19.2 MHz crystal oscillator
●
JTAG IEEE 1149.1 boundary scan
●
Supply voltages
–
1.2 V logic; 1.8 V to 2.5 V I/O, PLL analog; 2.5 V OTP
a.1-Wire is a registered trademark of Dallas Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com