Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6412B Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV6412B Datasheet HTML 7Page - STMicroelectronics STV6412B Datasheet HTML 8Page - STMicroelectronics STV6412B Datasheet HTML 9Page - STMicroelectronics STV6412B Datasheet HTML 10Page - STMicroelectronics STV6412B Datasheet HTML 11Page - STMicroelectronics STV6412B Datasheet HTML 12Page - STMicroelectronics STV6412B Datasheet HTML 13Page - STMicroelectronics STV6412B Datasheet HTML 14Page - STMicroelectronics STV6412B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
STV6412B
Electrical characteristics
11/32
CS
Channel separation, from audio
inputs
Between L & R of TV outputs
VIN =0.5 VRMS at 1 kHz, on 1 input,
RLOAD = 10 kΩ, Gain = 0 dB
80
70
90
74
dB
Ci
Channel isolation from video
inputs
VIN = 1 Vpp at 15 kHz, on one point
85
dB
VOUT
Output DC level
VCCA = 9 V
VCCA/2
V
VOFF
DC offset change
Switching between inputs
1
±15
mV
ROUT
Output resistance
60
120
Ω
PHD
Phase difference
f = 1 kHz, 1 VRMS input on each
input channel
3
° deg.
ASN
S/N ratio
f = 1 kHz, 1 VRMS input (Gain =
0 dB) weighted CCIR 468-4 quasi
peak
75
85
dB
eNI
Equivalent RMS input voltage
noise
BW = 20 Hz to 20 kHz flat, Gain =
0dB
5µV
G0
0 dB gain
0.5 VRMS, RLOAD = 10 kΩ, Gain =
0dB
-0.5
+0.5
dB
GSTEP
Gain step
-62 dB to +6 dB (see Figure 5)2
dB
GMATCH1
Gain matching between different
inputs of one output
VIN = 0.5 VRMS, 1 kHz, Gain = 0 dB
-0.5
0.5
dB
GMATCH2
Gain matching between left/right
outputs of one input channel
VIN = 0.5 VRMS, 1 kHz, Gain = 0 dB
-0.5
0.5
dB
THD0
THD6
THD9
Total harmonic distortion
ENC Input at 0 dB
ENC Input at 6 dB
ENC Input at 9 dB
VOUT = 0.5 VRMS, 1 kHz, LPF @
80 kHz
0.01
0.01
0.01
0.1
0.1
0.1
%
%
%
VCL
Output clipping level
THD = 0.2%, 1 kHz
2.1
2.3
VRMS
RL
Output load resistance
VIN = 1 VRMS, THD = 0.3%,
Gain = 0 dB
22.25
k
Ω
Mute
Mute suppression
VIN = 0.5 VRMS, on one point
-90
dB
Table 5.
Audio section characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com