Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6412B Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV6412B Datasheet HTML 10Page - STMicroelectronics STV6412B Datasheet HTML 11Page - STMicroelectronics STV6412B Datasheet HTML 12Page - STMicroelectronics STV6412B Datasheet HTML 13Page - STMicroelectronics STV6412B Datasheet HTML 14Page - STMicroelectronics STV6412B Datasheet HTML 15Page - STMicroelectronics STV6412B Datasheet HTML 16Page - STMicroelectronics STV6412B Datasheet HTML 17Page - STMicroelectronics STV6412B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Electrical characteristics
STV6412B
14/32
2.6
Blanking section
TAMB =25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V,
RLOUTA = 10 kΩ, RLOUTV = 150 Ω, unless otherwise specified.
2.6.1
Fast blanking section
CTo
Crosstalk isolation between output
channel
VIN = 1 VPP at f = 4.43 MHz, on
one input, RLOAD = 150 Ω
50
dB
ROUT
Output resistance
5
10
Ω
GOUTC
Gain at OUTC
VIN = 1 VPP
5.5
6
6.5
dB
GCM
Gain matching between C inputs
VIN = 1 VPP
-0.5
0
0.5
dB
Mute
Mute suppression
VIN = 1 VPP at f = 4.43 MHz,
on one input
-55
dB
CToYdel
Chroma to luma delay, source Y/C
Pin other than VOUT_RF,
VPP @ 4.43 MHz,
20
ns
CToYdel
Chroma to luma delay, source Y/C Pin VOUT_RF
20
ns
ZCOUT_VCR
Output impedance when switched
to ground
2.7V applied to COUT_VCR
with series 75
Ω Resistor
2
Ω
Table 7.
Chroma section characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Units
Table 8.
Blanking section
Symbol
Parameter
Test conditions
Min
Typ
Max
Units
Input mode
SLBlow
Input low level threshold
2.5
3.25
4
V
SLBhigh
Input high level threshold
7.5
8.25
9
V
IIN
Input current
50
100
µA
Output mode
SLBlow
Output low level (int. TV)
0
0.02
1.5
V
SLBmed
Output medium level (ext. 16/9)
5
5.75
6.5
V
SLBhigh
Output high level (ext. 4/3)
10
11
12
V
Table 9.
Fast blanking section
Symbol
Parameter
Test conditions
Min
Typ
Max
Units
Input mode
FBlow/high Input low/high level threshold
0.4
0.7
0.9
V
IIN
Input current
2
10
µA
Output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com