Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6412B Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV6412B Datasheet HTML 8Page - STMicroelectronics STV6412B Datasheet HTML 9Page - STMicroelectronics STV6412B Datasheet HTML 10Page - STMicroelectronics STV6412B Datasheet HTML 11Page - STMicroelectronics STV6412B Datasheet HTML 12Page - STMicroelectronics STV6412B Datasheet HTML 13Page - STMicroelectronics STV6412B Datasheet HTML 14Page - STMicroelectronics STV6412B Datasheet HTML 15Page - STMicroelectronics STV6412B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Electrical characteristics
STV6412B
12/32
Figure 5.
Volume control characteristics
2.4
Video section characteristics
TAMB =25°C, VCCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V
Step number
0
-36
-62
dB
18
31
± 0.5 dB
+ 2 dB
- 0.5 dB
± 0.5 dB
Table 6.
Video section characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Units
VDCIN
DC input level
Bottom sync pulse
2
V
ICLAMP
Clamping current
at VDCIN -400 mV
1
2
mA
ILEAK
Input leakage current
VIN = VDCIN +1 V
1
10
µA
CIN
Input capacitance
2
pF
VIN
Max input signal
VCC = 5 V
1.5
VPP
DYN
Dynamic output signal
VCC = 5 V
3
VPP
BW
Bandwidth at -3 dB without LPF
Y/CVBS
RGB
Y/C mixer (on VOUT-RF)
VIN = 1 VPP
VIN = 1 VPP
VIN = 1 VPP, VINC = muted
10
10
8
15
15
10
MHz
MHz
MHz
Flatness
Spread of gain in video band
(15 kHz to 5 MHz)
Y/CVBS
RGB
Y/C Mixer (on VOUT-RF)
VIN = 1 VPP
VIN = 1 VPP
VIN = 1 VPP, VINC = muted
±0.5
±0.5
±1.5
dB
dB
dB
BW LPF
Low pass filter bandwidth at -3 dB
VIN = 1 VPP, CL = 10pF
7.5
MHz
ATT
Low pass filter attenuation
27 MHz
-47
-36
dB
CTi
Crosstalk isolation between Input
channel
VIN = 1 VPP at
f = 4.43 MHz, on one point
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com