Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6412B Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV6412B
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV6412B Datasheet HTML 11Page - STMicroelectronics STV6412B Datasheet HTML 12Page - STMicroelectronics STV6412B Datasheet HTML 13Page - STMicroelectronics STV6412B Datasheet HTML 14Page - STMicroelectronics STV6412B Datasheet HTML 15Page - STMicroelectronics STV6412B Datasheet HTML 16Page - STMicroelectronics STV6412B Datasheet HTML 17Page - STMicroelectronics STV6412B Datasheet HTML 18Page - STMicroelectronics STV6412B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
STV6412B
Electrical characteristics
15/32
2.6.2
Interrupt output
Refer to Note 1
2.6.3
Address selection input
Note:
1
The interrupt is forced low when a change is detected on slow blanking inputs. It can be
used in standby mode to wake up the microprocessor. It is released when the I²C bus
register is read.
FBLOW
Output low level
RLOAD = 150 Ω
0.5
V
FBHIGH
Output high level
3.0
3.4
3.8
V
FBDEL
Fast blanking RGB delay
At 50% on digital RGB
transients, at 2 V on FB
rise transient, at 1 V on
FB fall, CLOAD = 10pF
maximum
15
ns
FBTRANS
FB transitions at FB output
Rise Time
Fall Time
CLOAD = 10 pF maximum
between 10% and 90%
between 90% and 10%
10
10
ns
ns
Table 9.
Fast blanking section (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Units
Table 10.
Interrupt output
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Units
IT-Leak
High level leakage
External pull-up to 5 V
10
µA
IT-Low
Output low level (active)
IIN = 0 mA
IIN = 1 mA
0.3
0.7
V
V
Table 11.
Address selection input
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Units
ADDsel_L Address selection low level
0
0.2
V
ADDsel_H Address selection high level
2.5
VDD
V
ILEAK
Leakage current
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com