Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145152P2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC145152P2
Description  PLL Frequency Synthesizers (CMOS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145152P2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC145152P2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MC145151-2 Parallel-Input (Interfaces with Single-Modulus Prescalers)
MC145151-2 and MC145152-2 Technical Data, Rev. 5
Freescale Semiconductor
3
Figure 2. MC145151-2 Block Diagram
1.2
Pin Descriptions
1.2.1
Input Pins
fin
Frequency Input (Pin 1)
Input to the
÷N portion of the synthesizer. f
in is typically derived from loop VCO and is ac coupled into
the device. For larger amplitude signals (standard CMOS logic levels) dc coupling may be used.
RA0 - RA2
Reference Address Inputs (Pins 5, 6, 7)
These three inputs establish a code defining one of eight possible divide values for the total reference
divider, as defined by the table below.
Pull-up resistors ensure that inputs left open remain at a logic 1 and require only a SPST switch to alter
data to the zero state.
Reference Address Code
Total
Divide
Value
RA2
RA1
RA0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8
128
256
512
1024
2048
2410
8192
14 x 8 ROM REFERENCE DECODER
14-BIT
÷ N COUNTER
φ
V
φ
R
14-BIT
÷ R COUNTER
TRANSMIT OFFSET ADDER
PHASE
DETECTOR
B
PHASE
DETECTOR
A
LOCK
DETECT
LD
PDout
RA2
fin
VDD
OSCin
OSCout
T/R
14
14
fV
N13
N11
N9
N7 N6
N4
N2
N0
NOTE: N0 - N13 inputs and inputs RA0, RA1, and RA2 have pull-up resistors that are not shown.
RA0
RA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com