Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145152P2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC145152P2
Description  PLL Frequency Synthesizers (CMOS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145152P2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC145152P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MC145151-2 and MC145152-2 Electrical Characteristics
MC145151-2 and MC145152-2 Technical Data, Rev. 5
Freescale Semiconductor
13
Table 2. Electrical Characteristics
(Voltages Referenced to VSS)
Symbol
Parameter
Test Condition
VDD
V
- 40
°C
25
°C
85
°C
Unit
Min
Max
Min
Max
Min
Max
VDD
Power Supply Voltage
Range
-
3
9
3
9
3
9
V
Iss
Dynamic Supply
Current
fin = OSCin = 10 MHz,
1 V p-p ac coupled sine wave
R = 128, A = 32, N = 128
3
5
9
-
-
-
3.5
10
30
-
-
-
3
7.5
24
-
-
-
3
7.5
24
mA
ISS
Quiescent Supply
Current (not including
pull-up current
component)
Vin = VDD or VSS
Iout = 0 µA
3
5
9
-
-
-
800
1200
1600
-
-
-
800
1200
1600
-
-
-
1600
2400
3200
µA
Vin
Input Voltage - fin,
OSCin
Input ac coupled sine wave
-
500
-
500
-
500
-
mV p-p
VIL
Low-Level Input
Voltage - fin, OSCin
Vout ≥ 2.1 V
Input dc
Vout ≥ 3.5 V
coupled
Vout ≥ 6.3 V
square wave
3
5
9
-
-
-
0
0
0
-
-
-
0
0
0
-
-
-
0
0
0
V
VIH
High-Level Input
Voltage - fin, OSCin
Vout ≤ 0.9 V
Input dc
Vout ≤ 1.5 V
coupled
Vout ≤ 2.7 V
square wave
3
5
9
3.0
5.0
9.0
-
-
-
3.0
5.0
9.0
-
-
-
3.0
5.0
9.0
-
-
-
V
VIL
Low-Level Input
Voltage - except fin,
OSCin
3
5
9
-
-
-
0.9
1.5
2.7
-
-
-
0.9
1.5
2.7
-
-
-
0.9
1.5
2.7
V
VIH
High-Level Input
Voltage - except fin,
OSCin
3
5
9
2.1
3.5
6.3
-
-
-
2.1
3.5
6.3
-
-
-
2.1
3.5
6.3
-
-
-
V
Iin
Input Current
(fin, OSCin)
Vin = VDD or VSS
9
± 2
± 50
± 2
± 25
± 2
± 22
µA
IIL
Input Leakage
Current (Data, CLK,
ENB - without
pull-ups)
Vin = VSS
9
-
- 0.3
-
- 0.1
-
- 1.0
µA
IIH
Input Leakage
Current (all inputs
except fin, OSCin)
Vin = VDD
9
-
0.3
-
0.1
-
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com