Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145152P2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC145152P2
Description  PLL Frequency Synthesizers (CMOS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145152P2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC145152P2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145152P2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MC145151-2 and MC145152-2 Technical Data, Rev. 5
6
Freescale Semiconductor
MC145151-2 Parallel-Input (Interfaces with Single-Modulus Prescalers)
1.3
Typical Applications
Figure 3. 5 MHz to 5.5 MHz Local Oscillator Channel Spacing = 1 kHz
Figure 4. Synthesizer for Land Mobile Radio UHF Bands
0 1 1 1 0 0 0 1 0 0 0 = 5 MHz
1 0 1 0 1 1 1 1 1 0 0 = 5.5 MHz
5 - 5.5 MHz
VOLTAGE
CONTROLLED
OSCILLATOR
NC
NC
PDout
RA0
RA1
RA2
N13
N0
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
MC145151-2
fin
OSCout
OSCin
2.048 MHz
TRANSMIT: 440.0 - 470.0 MHz
RECEIVE: 418.6 - 448.6 MHz
(25 kHz STEPS)
NOTES:
1. fR = 4.1667 kHz; ÷ R = 2410; 21.4 MHz low side injection during receive.
2. Frequency values shown are for the 440 - 470 MHz band. Similar implementation applies to the 406 - 440 MHz band.
For 470 - 512 MHz, consider reference oscillator frequency X9 for mixer injection signal (90.3750 MHz).
60.2500 MHz
“0"
“1"
“1"
CHOICE OF
DETECTOR
ERROR
SIGNALS
LOCK DETECT SIGNAL
T: 13.0833 - 18.0833 MHz
R: 9.5167 - 14.5167 MHz
T: 73.3333 - 78.3333 MHz
R: 69.7667 - 74.7667 MHz
X6
VCO
LOOP
FILTER
X6
T/R
VSS
VDD
TRANSMIT
(ADDS 856 TO
÷ N VALUE)
RECEIVE
REF. OSC.
10.0417 MHz
(ON-CHIP OSC.
OPTIONAL)
“1"
“0"
“0"
fV
LD
RA0
RA1
RA2
OSCin
OSCout
MC145151-2
+ V
PDout
φ
R
fV
fin
DOWN
MIXER
CHANNEL PROGRAMMING
÷ N = 2284 TO 3484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com