Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS2DPF20V Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS2DPF20V
Description  DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS2DPF20V Datasheet(HTML) 1 Page - STMicroelectronics

  STS2DPF20V Datasheet HTML 1Page - STMicroelectronics STS2DPF20V Datasheet HTML 2Page - STMicroelectronics STS2DPF20V Datasheet HTML 3Page - STMicroelectronics STS2DPF20V Datasheet HTML 4Page - STMicroelectronics STS2DPF20V Datasheet HTML 5Page - STMicroelectronics STS2DPF20V Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
August 2001
STS2DPF20V
DUAL P-CHANNEL 20V - 0.14
Ω - 2A SO-8
2.7V-DRIVE STripFET™ II POWER MOSFET
Note: For the P-CHANNEL MOSFET actual polarity of Voltages
and current has to be reversed
s
TYPICAL RDS(on) = 0.14Ω (@4.5V)
s
TYPICAL RDS(on) = 0.2Ω (@2.7V)
s
ULTRA LOW THRESHOLD GATE DRIVE (2.7V)
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
DESCRIPTION
This Power MOSFET is the second generation of
STMicroelectronics unique “Single Feature Size™”
strip-based process. The resulting transistor shows
extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remarkable
manufacturing reproducibility.
APPLICATIONS
s
BATTERY MANAGMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGMENT IN CELLULAR PHONES
MOSFET ABSOLUTE MAXIMUM RATINGS
(q)Pulse width limited by safe operating area.
TYPE
VDSS
RDS(on)
ID
STS2DPF20V
20 V
<0.20
Ω (@4.5V)
<0.25
Ω (@2.7V)
2 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
20
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
20
V
VGS
Gate- source Voltage
± 12
V
ID
Drain Current (continuos) at TC = 25°C Single Operation
Drain Current (continuos) at TC = 100°C Single Operation
2
1.26
A
A
IDM (q)
Drain Current (pulsed)
8
A
PTOT
Total Dissipation at TC = 25°C Dual Operation
Total Dissipation at TC = 25°C Single Operation
1.6
2
W
W
SO-8
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS2DPF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DPF80 STMICROELECTRONICS-STS2DPF80 Datasheet
224Kb / 9P
DUAL P-CHANNEL 80V - 0.21 Ohm - 2.3A SO-8
Jun-2004
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
Nov-2002
More results

Similar Description - STS2DPF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC5NF20V STMICROELECTRONICS-STC5NF20V Datasheet
270Kb / 8P
N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET™ II POWER MOSFET
Feb-2003
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
Nov-2002
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
Jun-2002
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET™ II POWER MOSFET
Jun-2002
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
Aug-2002
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2002
STT4PF20V STMICROELECTRONICS-STT4PF20V Datasheet
247Kb / 8P
P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET
May-2003
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
Mar-2004
STS5DNF20V STMICROELECTRONICS-STS5DNF20V_06 Datasheet
308Kb / 12P
N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
13-Nov-2006
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
P-CHANNEL 20V - 0.045Ω - 5A SO-8 STripFET™ II MOSFET
September 2004 Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com