Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS2DPF20V Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS2DPF20V
Description  DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS2DPF20V Datasheet(HTML) 3 Page - STMicroelectronics

  STS2DPF20V Datasheet HTML 1Page - STMicroelectronics STS2DPF20V Datasheet HTML 2Page - STMicroelectronics STS2DPF20V Datasheet HTML 3Page - STMicroelectronics STS2DPF20V Datasheet HTML 4Page - STMicroelectronics STS2DPF20V Datasheet HTML 5Page - STMicroelectronics STS2DPF20V Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
STS2DPF20V
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 10 V, ID = 1.5A
RG = 4.7Ω VGS = 4.5V
(see test circuit, Figure 1)
38
ns
tr
Rise Time
30
ns
Qg
Total Gate Charge
VDD = 10V, ID = 2 A,
VGS = 4.5 V
(see test circuit, Figure 2)
3.8
4.8
nC
Qgs
Gate-Source Charge
0.34
nC
Qgd
Gate-Drain Charge
0.8
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 10 V, ID = 1 A,
RG =4.7Ω, VGS = 4.5 V
(see test circuit, Figure 1)
45
11
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
2
A
ISDM (2)
Source-drain Current (pulsed)
8
A
VSD (1)
Forward On Voltage
ISD = 2 A, VGS = 0
1.2
V
trr
Reverse Recovery Time
ISD = 2 A, di/dt = 100A/µs,
VDD = 10 V, Tj = 150°C
(see test circuit, Figure 3)
15
ns
Qrr
Reverse Recovery Charge
7.5
nC
IRRM
Reverse Recovery Current
1
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com