Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3087BFKBGP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M3087BFKBGP
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3087BFKBGP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M3087BFKBGP Datasheet HTML 3Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 4Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 5Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 6Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 7Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 8Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 9Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 10Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
1. Overview
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 7 of 85
Table 1.7
M32C/87 Group (3) (M32C/87B: no CAN module)
Current as of Jul. 2008
NOTE:
1. Additional 4-Kbyte space is available for data flash memory.
Figure 1.1
Product Numbering System
Part Number
Package Code
ROM
Capacity
RAM
Capacity
Remarks
M3087BFLBGP
PLQP0144KA-A (144P6Q-A)
1 MB
+ 4 KB(1)
48 KB
Flash memory
M30879FLBFP
PRQP0100JB-A (100P6S-A)
M30879FLBGP
PLQP0100KB-A (100P6Q-A)
M3087BFKBGP
PLQP0144KA-A (144P6Q-A)
768 KB
+ 4 KB(1)
M30879FKBGP
PLQP0100KB-A (100P6Q-A)
M30878FJBGP
PLQP0144KA-A (144P6Q-A)
512 KB
+ 4 KB(1)
31 KB
M30876FJBGP
PLQP0100KB-A (100P6Q-A)
M30875FHBGP
PLQP0144KA-A (144P6Q-A)
384 KB
+ 4 KB(1)
24 KB
M30873FHBGP
PLQP0100KB-A (100P6Q-A)
M30878MJB-XXXGP
PLQP0144KA-A (144P6Q-A)
512 KB
31 KB
Mask ROM
M30876MJB-XXXFP
PRQP0100JB-A (100P6S-A)
M30876MJB-XXXGP
PLQP0100KB-A (100P6Q-A)
M30875MHB-XXXGP
PLQP0144KA-A (144P6Q-A)
384 KB
24 KB
M30873MHB-XXXGP
PLQP0100KB-A (100P6Q-A)
M30 87 6 M J -XXX GP
Package type option
FP: PRQP0100JB-A (100P6S-A)
GP: PLQP0144KA-A (144P6Q-A)
PLQP0100KB-A (100P6Q-A)
ROM Number:
Omitted for the Flash Memory Version
Classification
Blank: M32C/87
A: M32C/87A
B: M32C/87B
ROM capacity
H: 384 Kbytes
J:
512 Kbytes
K: 768 Kbytes
L:
1024 Kbytes
Memory type
M: Mask ROM version
F: Flash memory version
RAM capacity, pin count, etc
(The value itself has no specific meaning.)
M32C/87 Group
M16C Family
Part No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com