Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3087BFKBGP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M3087BFKBGP
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3087BFKBGP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M3087BFKBGP Datasheet HTML 28Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 29Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 30Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 31Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 32Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 33Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 34Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 35Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
4. Special Function Registers (SFRs)
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 32 of 85
Table 4.6
SFR Address Map (6/20)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
011Ah
Group 1 Time Measurement Control Register 2
G1TMCR2
00h
011Bh
Group 1 Time Measurement Control Register 3
G1TMCR3
00h
011Ch
Group 1 Time Measurement Control Register 4
G1TMCR4
00h
011Dh
Group 1 Time Measurement Control Register 5
G1TMCR5
00h
011Eh
Group 1 Time Measurement Control Register 6
G1TMCR6
00h
011Fh
Group 1 Time Measurement Control Register 7
G1TMCR7
00h
0120h
Group 1 Base Timer Register
G1BT
XXXXh
0121h
0122h
Group 1 Base Timer Control Register 0
G1BCR0
00h
0123h
Group 1 Base Timer Control Register 1
G1BCR1
X000 000Xb
0124h
Group 1 Time Measurement Prescaler Register 6
G1TPR6
00h
0125h
Group 1 Time Measurement Prescaler Register 7
G1TPR7
00h
0126h
Group 1 Function Enable Register
G1FE
00h
0127h
Group 1 Function Select Register
G1FS
00h
0128h
Group 1 SI/O Receive Buffer Register
G1RB
XXXX XXXXb
0129h
X000 XXXXb
012Ah
Group 1 Transmit Buffer/Receive Data Register
G1TB/G1DR
XXh
012Bh
012Ch
Group 1 Receive Input Register
G1RI
XXh
012Dh
Group 1 SI/O Communication Mode Register
G1MR
00h
012Eh
Group 1 Transmit Output Register
G1TO
XXh
012Fh
Group 1 SI/O Communication Control Register
G1CR
0000 X011b
0130h
Group 1 Data Compare Register 0
G1CMP0
XXh
0131h
Group 1 Data Compare Register 1
G1CMP1
XXh
0132h
Group 1 Data Compare Register 2
G1CMP2
XXh
0133h
Group 1 Data Compare Register 3
G1CMP3
XXh
0134h
Group 1 Data Mask Register 0
G1MSK0
XXh
0135h
Group 1 Data Mask Register 1
G1MSK1
XXh
0136h
0137h
0138h
Group 1 Receive CRC Code Register
G1RCRC
XXXXh
0139h
013Ah
Group 1 Transmit CRC Code Register
G1TCRC
0000h
013Bh
013Ch
Group 1 SI/O Expansion Mode Register
G1EMR
00h
013Dh
Group 1 SI/O Extended Receive Control Register
G1ERC
00h
013Eh
Group 1 SI/O Special Communication Interrupt Detection Register
G1IRF
0000 XXXXb
013Fh
Group 1 SI/O Extended Transmit Control Register
G1ETC
0000 0XXXb
0140h
Group 2 Waveform Generation Register 0
G2PO0
XXXXh
0141h
0142h
Group 2 Waveform Generation Register 1
G2PO1
XXXXh
0143h
0144h
Group 2 Waveform Generation Register 2
G2PO2
XXXXh
0145h
0146h
Group 2 Waveform Generation Register 3
G2PO3
XXXXh
0147h
0148h
Group 2 Waveform Generation Register 4
G2PO4
XXXXh
0149h
014Ah
Group 2 Waveform Generation Register 5
G2PO5
XXXXh
014Bh
014Ch
Group 2 Waveform Generation Register 6
G2PO6
XXXXh
014Dh
014Eh
Group 2 Waveform Generation Register 7
G2PO7
XXXXh
014Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com