Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3087BFKBGP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M3087BFKBGP
Description  RENESAS MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3087BFKBGP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M3087BFKBGP Datasheet HTML 4Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 5Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 6Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 7Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 8Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 9Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 10Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 11Page - Renesas Technology Corp M3087BFKBGP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
1. Overview
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 8 of 85
1.3
Block Diagram
Figure 1.2 shows a block diagram of the M32C/87 Group (M32C/87, M32C/87A, M32C/87B).
Figure 1.2
M32C/87 Group (M32C/87, M32C/87A, M32C/87B) Block Diagram
<VCC1>
<VCC1>
<VCC2>
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
Port P7
Internal peripheral functions
Three-phase motor
control circuit
Watchdog timer (15 bits)
8-bit D/A converters:
2 circuits
Intelligent I/O
Time measurement function:
8 channels
Waveform generation
function: 16 channels(4)
Communication function:
clock synchronous serial
interface, UART, HDLC
data processing, IEBus
CAN modules:2 channels(5)
Serial interface: 7 channels(3)
X/Y converter:
16 bits X 16 bits
CRC calculation circuit
(CCITT):
 X16 + X12 + X5 + 1
Clock generation circuits:
XIN-XOUT
XCIN-XCOUT
On-chip oscillator
PLL frequency synthesizer
DMAC: 4 channels
DMACII
10-bit A/D converter:
1 circuit
34 channels for input(2)
Port P13(1)
Port P12(1)
Port P11(1)
Port P15(1)
Port P14(1)
Port P10
Port P9
Port P8
P8_5
Timers (16 bits)
Output (timer A): 5
Input (timer B): 6
NOTES:
1. Ports P11 to P15 are provided in the 144-pin package only.
2. 34 channels are available in the 144-pin package. 26 channels are available in the 100-pin package.
3. 6 channels are available in the 100-pin package.
4. 10 channels are available in the 100-pin package.
5. M32C/87A has 1 channel. M32C/87B has no CAN module.
8
8
8
8
8
8
8
8
8
ROM
Memory
Multiplier
M32C/80 Series CPU core
FLG
ISP
INTB
USP
PC
SVF
SVP
VCT
SB
FB
R3
A1
A0
R2
R1H
R1L
R1H
R1L
R1H
R1L
R0H
R0L
<VCC2>
8
5
8
7
8
8
7
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com