| Electronic Components Datasheet Search |
|
M3087BFKBGP Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M3087BFKBGP Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 91 page ![]() M32C/87 Group (M32C/87, M32C/87A, M32C/87B) 1. Overview REJ03B0127-0151 Rev.1.51 Jul 31, 2008 Page 20 of 85 Table 1.16 Pin Functions (100-Pin and 144-Pin Packages) (2/4) I: Input O: Output I/O: Input and output NOTE: 1. The CAN pins cannot be used in M32C/87B. Only CAN0 pins can be used in M32C/87A. Type Symbol I/O Type Supply Voltage Description Main clock input XIN I VCC1 Input/output pins for the main clock oscillation circuit. Connect a ceramic resonator or crystal oscillator between XIN and XOUT. To apply an external clock, apply it to XIN and leave XOUT open. Main clock output XOUT O VCC1 Sub clock input XCIN I VCC1 Input/output pins for the sub clock oscillation circuit. Connect a crystal oscillator between XCIN and XCOUT. To apply an external clock, apply it to XCIN and leave XCOUT open. Sub clock output XCOUT O VCC1 BCLK output BCLK O VCC2 Bus clock output pin. Clock output CLKOUT O VCC2 The CLKOUT pin outputs the clock having the same frequency as fC, f8, or f32. INT interrupt input INT0 to INT2 I VCC1 INT interrupt input pins. INT3 to INT5 I VCC2 NMI interrupt input NMI I VCC1 NMI interrupt input pin. Connect the NMI pin to VCC1 via a resistor when the NMI interrupt is not used. Timer A TA0OUT to TA4OUT I/O VCC1 Timer A0 to A4 input/output pins. (TA0OUT is N-channel open drain output.) TA0IN to TA4IN I VCC1 Timer A0 to A4 input pins. Timer B TB0IN to TB5IN I VCC1 Timer B0 to B5 input pins. Three-phase motor control timer output U, U, V, V, W, W O VCC1 Three-phase motor control timer output pins. Serial interface CTS0 to CTS5 I VCC1 Input pins to control data transmission. RTS0 to RTS5 O VCC1 Output pins to control data reception. CLK0 to CLK5 I/O VCC1 Serial clock input/output pins. RXD0 to RXD5 I VCC1 Serial data input pins. TXD0 to TXD5 O VCC1 Serial data output pins. (TXD2 is N-channel open drain output.) I2C mode SDA0 to SDA4 I/O VCC1 Serial data input/output pins. (SDA2 is N-channel open drain output.) SCL0 to SCL4 I/O VCC1 Serial clock input/output pins. (SCL2 is N-channel open drain output.) Serial interface special function STXD0 to STXD4 O VCC1 Serial data output pins when slave mode is selected. (STXD2 is N-channel open drain output.) SRXD0 to SRXD4 I VCC1 Serial data input pins when slave mode is selected. SS0 to SS4 I VCC1 Control input pins used in the serial interface special mode. IrDA IrDAIN I VCC1 IrDA serial data input pin. IrDAOUT O VCC1 IrDA serial data output pin. CAN(1) CAN0IN, CAN1IN I VCC1 Received data input pins for the CAN communication function. CAN0OUT, CAN1OUT O VCC1 Transmit data output pins for the CAN communication function. CAN1WU I VCC1 CAN wake-up interrupt input pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |