Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62463AFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62463AFP
Description  Dolby Pro Logic Surround Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62463AFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62463AFP Datasheet HTML 1Page - Renesas Technology Corp M62463AFP Datasheet HTML 2Page - Renesas Technology Corp M62463AFP Datasheet HTML 3Page - Renesas Technology Corp M62463AFP Datasheet HTML 4Page - Renesas Technology Corp M62463AFP Datasheet HTML 5Page - Renesas Technology Corp M62463AFP Datasheet HTML 6Page - Renesas Technology Corp M62463AFP Datasheet HTML 7Page - Renesas Technology Corp M62463AFP Datasheet HTML 8Page - Renesas Technology Corp M62463AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
M62463AFP
REJ03F0275-0200 Rev.2.00 Jun 16, 2008
Page 4 of 16
Functional Description
Function
Description
1
Fundamental function for Dolby Pro Logic
surround decoder
Adaptive matrix
Input auto-balance
Noise sequencer
Center mode control
ON/OFF
WIDE/NORMAL/PHANTOM
Modified Dolby B type noise reduction
4 ch (L, R, C, S), 3 ch (L, R, C) mode switch
2
RAM for digital delay
10-Kbit RAM
3
Surround delay time
15.4, 20.5, 25.6, 29.2 ms
(for Dolby Pro Logic surround)
51.2 ms (for space surround)
4
Circuit for space surround
Digital delay circuit can be used for space surround such
as a Disco, Hall or Live, and Karaoke echo
5
Echo delay time
123,184 ms
6
Feedback volume
Delay signal feedback volume
–3 to –21 dB / 3 dB step, and –
∞
7
Microphone volume
Internal microphone volume
0 to –18 dB / 3 dB step, and –
∞
8
Cch/Sch master volume
0 to –87 dB / 1 dB step, and –
∞
9
Bypass switch
Bypass the decode circuit
10
Output mute
Mute the Lch and Rch output
11
MCU interface
Controlled by 3-lines serial data from MCU
Including the chip address (2-bit)
12
Current control oscillation circuit
Including the oscillation circuit without external parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com