Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62463AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62463AFP
Description  Dolby Pro Logic Surround Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62463AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62463AFP Datasheet HTML 1Page - Renesas Technology Corp M62463AFP Datasheet HTML 2Page - Renesas Technology Corp M62463AFP Datasheet HTML 3Page - Renesas Technology Corp M62463AFP Datasheet HTML 4Page - Renesas Technology Corp M62463AFP Datasheet HTML 5Page - Renesas Technology Corp M62463AFP Datasheet HTML 6Page - Renesas Technology Corp M62463AFP Datasheet HTML 7Page - Renesas Technology Corp M62463AFP Datasheet HTML 8Page - Renesas Technology Corp M62463AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
M62463AFP
REJ03F0275-0200 Rev.2.00 Jun 16, 2008
Page 5 of 16
Absolute Maximum Ratings
(Ta = 25
°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Vcc
10.5
V
Supply voltage
Vdd
6.5
V
Power dissipation
Pd
1
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Recommended Operating Condition
Item
Symbol
Min
Typ
Max
Unit
Condition
Vcc
8
9
10
V
Supply voltage
Vdd
4.5
5
5.5
V
Input voltage (L)
VIL
0
—
0.8
V
14, 15, 16 pin
Input voltage (H)
VIH
Vdd – 1
—
Vdd
V
14, 15, 16 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com