Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62463AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62463AFP
Description  Dolby Pro Logic Surround Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62463AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M62463AFP Datasheet HTML 3Page - Renesas Technology Corp M62463AFP Datasheet HTML 4Page - Renesas Technology Corp M62463AFP Datasheet HTML 5Page - Renesas Technology Corp M62463AFP Datasheet HTML 6Page - Renesas Technology Corp M62463AFP Datasheet HTML 7Page - Renesas Technology Corp M62463AFP Datasheet HTML 8Page - Renesas Technology Corp M62463AFP Datasheet HTML 9Page - Renesas Technology Corp M62463AFP Datasheet HTML 10Page - Renesas Technology Corp M62463AFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
M62463AFP
REJ03F0275-0200 Rev.2.00 Jun 16, 2008
Page 7 of 16
(Ta = 25
°C, Vcc = 9 V, Vdd = 5 V, Vin = 200 mVrms, f = 1 kHz, unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Digital Delay
Input/output voltage gain
GvD
–8.1
–5.1
–2.1
dB
LIN-LPF2OUT, surround L – R
Delay time
Td
17.4
20.5
23.6
ms
Td = 20.5 ms
—
0.5
0.9
Td = 20.5 ms
—
1.2
2.2
Td = 51.2 ms
Total harmonic distortion
THDD
—
3.0
5.6
%
30 kHz LPF
Td = 184 ms
—
–92
–80
Td = 20.5 ms
—
–84
–70
Td = 51.2 ms
Output noise voltage
NoD
—
–80
–65
dBV
Vin = 0 Vrms
JIS-A
Td = 184 ms
Maximum output voltage
Vomax
0.7
1.0
—
Vrms
THD = 10%
6.0
7.0
8.0
kHz
Td = 15.4 to 51.2 ms
Gv = –3 dB
(Dolby Pro Logic mode)
LPF cut-off frequency
LPFfc
—
3.0
—
kHz
Td = 123,184 ms (Echo mode)
Gv = –3 dB
Feedback Volume
Maximum attenuation
FBATTmax
—
–70
–60
dB
ATT = –
∞
Minimum attenuation
FBATTmin
–6.0
–3.0
0
dB
ATT = –3 dB
Volume step
FBVOLS
—
3.0
—
dB
Microphone Volume
Maximum attenuation
MICATTmax
—
–70
–60
dB
ATT = –
∞
Minimum attenuation
MICATTmin
–3.0
0
3.0
dB
ATT = 0 dB
Volume step
MICVOLS
—
3.0
—
dB
Output noise voltage
VnoMIC
—
2.0
4.0
μVrms
ATT = –
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com