Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62463AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62463AFP
Description  Dolby Pro Logic Surround Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62463AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62463AFP Datasheet HTML 1Page - Renesas Technology Corp M62463AFP Datasheet HTML 2Page - Renesas Technology Corp M62463AFP Datasheet HTML 3Page - Renesas Technology Corp M62463AFP Datasheet HTML 4Page - Renesas Technology Corp M62463AFP Datasheet HTML 5Page - Renesas Technology Corp M62463AFP Datasheet HTML 6Page - Renesas Technology Corp M62463AFP Datasheet HTML 7Page - Renesas Technology Corp M62463AFP Datasheet HTML 8Page - Renesas Technology Corp M62463AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
REJ03F0275-0200 Rev.2.00 Jun 16, 2008
Page 1 of 16
M62463AFP
Dolby Pro Logic Surround Decoder
REJ03F0275-0200
Rev.2.00
Jun 16, 2008
Description
The M62463AFP is a single chip Dolby Pro Logic surround decoder. This LSI has all of required functions for Dolby
Pro Logic surround.
Note: Dolby and the double-D symbol are trademarks of Dolby laboratories licensing corporation. San Francisco,
CA94103-4813, USA.
This device available only to licensees of Dolby Lab.
Licensing and application information may be obtained from Dolby Lab.
Features
• Includes all functions necessary for Dolby Pro Logic surround
⎯ Adaptive matrix
⎯ Input auto-balance
⎯ Noise sequencer
⎯ Center mode control ON/OFF, WIDE/NORMAL/PHANTOM
⎯ Modified Dolby B type noise reduction
⎯ 4 channel (Lch/Rch/Cch/Sch) / 3 channel (Lch/Rch/Cch)
⎯ Digital delay Delay time: 15.4 to 51.2 ms
• Cch/Sch master volume: 0 to –87 dB / 1 dB step, –∞
• 3-lines MCU control
• Space surround such as Disco, Hall and Live
• Digital echo for Karaoke function Delay time: 123,184 ms
• Current control oscillation circuit for system clock
System Configuration
Lch IN
Input
auto-
balance
control
Noise
sequencer
Digital delay
Adaptive
matrix
S'
7 kHz
LPF
Modified
Dolby
B-NR
Master
volume
M62463AFP
L
R
C
S
Center/
operating
mode
control
Center
master
volume
Surround
master
volume
MCU interface
DATA SCK REQ
Lch
OUT
Lch
Rch
CENTER
SURROUND
Rch
OUT
Cch
OUT
Sch
OUT
L
− R
L + R
2
Rch IN
MIC IN


Similar Part No. - M62463AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
Dolby Pro Logic Surround Decoder
More results

Similar Description - M62463AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
Dolby Pro Logic Surround Decoder
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER?
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
Dolby Pro Logic Surround Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com