Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404618FS Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 73Page - Renesas Technology Corp HD404618FS Datasheet HTML 74Page - Renesas Technology Corp HD404618FS Datasheet HTML 75Page - Renesas Technology Corp HD404618FS Datasheet HTML 76Page - Renesas Technology Corp HD404618FS Datasheet HTML 77Page - Renesas Technology Corp HD404618FS Datasheet HTML 78Page - Renesas Technology Corp HD404618FS Datasheet HTML 79Page - Renesas Technology Corp HD404618FS Datasheet HTML 80Page - Renesas Technology Corp HD404618FS Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
HD404618 Series
75
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Notes
Supply voltage
V
CC
–0.3 to +7.0
V
Programming voltage
V
PP
–0.3 to +14.0
V
1
Pin voltage
V
T
–0.3 to (V
CC + 0.3)
V
Total permissible input current
∑I
O
100
mA
2
Total permissible output current
–
∑I
O
50
mA
3
Maximum input current
I
O
4
mA
4, 5
30
mA
4, 6
Maximum output current
–I
O
4
mA
7, 8
Operating temperature
T
opr
–20 to +75
°C
Storage temperature
T
stg
–55 to +125
°C
Notes: Permanent damage may occur if these absolute maximum ratings are exceeded. Normal operation
must be under the conditions stated in the electrical characteristics tables. If these conditions are
exceeded, the LSI may malfunction or its reliability may be affected.
1. D
10 (VPP) of the HD4074618.
2. Total permissible input current is the total of input currents simultaneously flowing in from all the
I/O pins to GND.
3. Total permissible output current is the total of output currents simultaneously flowing out from V
CC
to all I/O pins.
4. The maximum input current is the maximum current flowing from any I/O pin to ground.
5. Applies to R0–R3
6. Applies to D
0–D 9
7. The maximum output current is the maximum current flowing from V
CC to any I/O pin.
8. Applies to D
0–D 9, R0–R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com