Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404618FS Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 26Page - Renesas Technology Corp HD404618FS Datasheet HTML 27Page - Renesas Technology Corp HD404618FS Datasheet HTML 28Page - Renesas Technology Corp HD404618FS Datasheet HTML 29Page - Renesas Technology Corp HD404618FS Datasheet HTML 30Page - Renesas Technology Corp HD404618FS Datasheet HTML 31Page - Renesas Technology Corp HD404618FS Datasheet HTML 32Page - Renesas Technology Corp HD404618FS Datasheet HTML 33Page - Renesas Technology Corp HD404618FS Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
HD404618 Series
28
Standby
Oscillator: Active
Peripheral clocks:
Active
All other clocks:
Stopped
RESET
= 1 ?
No
Yes
IF0 =
1 ?
No
Yes
IM0 =
0 ?
IF1 =
1 ?
No
Yes
IM1 =
0 ?
IFTA =
1 ?
No
Yes
IMTA =
0 ?
IFTB =
1 ?
No
Yes
IMTB =
0 ?
IFTC =
1 ?
No
Yes
IMTC =
0 ?
IFS =
1 ?
No
Yes
IMS =
0 ?
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
(SBY only)
(SBY only)
(SBY only)
(SBY only)
Watch
Oscillator: Stopped
Sub-oscillator: Active
Peripheral clocks: Stopped
All other clocks: Stopped
Restart
processor clocks
Reset MCU
Execute
next instruction
Accept
interrupt
Execute
next instruction
(active mode)
Restart
processor clocks
No
Yes
IF = 1,
IM = 0, and
IE = 1 ?
Figure 11 MCU Operation Flowchart in Watch and Standby Modes
Stop Mode: The MCU enters stop mode if the STOP instruction is executed in active mode when TMA3 =
0. In this mode, the system oscillator stops, which stops all MCU functions as well.
Stop mode is terminated by a RESET input as shown in figure 12. RESET must be high for at least one t
RC
to stabilize oscillation (refer to the AC Characteristics section). When the MCU restarts after stop mode is
cancelled, all RAM contents are retained, but the accuracy of the contents of the accumulator, B register, W
register, X/SPX register, Y/SPY register, carry flag, and serial data register cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com