Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404618FS Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 14Page - Renesas Technology Corp HD404618FS Datasheet HTML 15Page - Renesas Technology Corp HD404618FS Datasheet HTML 16Page - Renesas Technology Corp HD404618FS Datasheet HTML 17Page - Renesas Technology Corp HD404618FS Datasheet HTML 18Page - Renesas Technology Corp HD404618FS Datasheet HTML 19Page - Renesas Technology Corp HD404618FS Datasheet HTML 20Page - Renesas Technology Corp HD404618FS Datasheet HTML 21Page - Renesas Technology Corp HD404618FS Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
HD404618 Series
16
Table 1 Initial Values After MCU Reset (cont)
Item
Abbr.
Initial Value Contents
Timer/
counters, serial
interface
Timer counter B
(TCB)
$00
—
Timer counter C
(TCC)
$00
—
Timer load register B
(TLR)
$00
—
Timer load register C
(TCR)
$00
—
Octal counter
000
—
LCD
LCD control register
(LCR)
000
Refer to description of LCD
control register
LCD mode register
(LMR)
0000
Refer to description of LCD duty
cycle/clock control
DTMF generator
Tone generator control
register
(TGC)
000
Refer to description of tone
generator control register
Tone generator mode
register
(TGM)
0000
Refer to description of generator
mode register
Bit registers
Low speed on flag
(LSON)
0
Refer to description of operating
modes
Watchdog timer on flag (WDON)
0
Refer to description of timer C
Tone generator speed
flag
(TGSP)
0
Refer to description of DTMF
generation circuit
Direct transfer on flag
(DTON)
0
Refer to description of operating
modes
Miscellaneous
register
(MIS)
000
—
Item
Abbr.
Status after Cancellation of
Stop Mode by MCU Reset
Status after Cancellation of All
Other Modes by MCU Reset
Carry flag
(CA)
Pre-MCU-reset values are not
guaranteed; values must be
initialized by program
Pre-MCU-reset values are not
guaranteed; values must be
initialized by program
Accumulator
(A)
B register
(B)
W register
(W)
X/SPX register
(X/SPX)
Y/SPY register
(Y/SPY)
Serial data register
(SR)
RAM
Pre-MCU-reset (pre-STOP-
instruction) values are retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com