Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404618FS Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 83Page - Renesas Technology Corp HD404618FS Datasheet HTML 84Page - Renesas Technology Corp HD404618FS Datasheet HTML 85Page - Renesas Technology Corp HD404618FS Datasheet HTML 86Page - Renesas Technology Corp HD404618FS Datasheet HTML 87Page - Renesas Technology Corp HD404618FS Datasheet HTML 88Page - Renesas Technology Corp HD404618FS Datasheet HTML 89Page - Renesas Technology Corp HD404618FS Datasheet HTML 90Page - Renesas Technology Corp HD404618FS Datasheet HTML 91Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
HD404618 Series
88
HD404612, HD404614, HD404616, HD404618 Option List
Please specify the first type below (the upper bits and lower bits are mixed together), when using the
EPROM on-package microcomputer type (including ZTAT™ version).
5. ROM Code Media
7. Stop Mode
Used
Not used
8. Package
FP-80A
FP-80B
TFP-80
EPROM: The upper bits and lower bits are mixed together. The upper five bits and lower five bits are
programmed to the same EPROM in alternating order (i.e., LULULU...).
EPROM: The upper bits and lower bits are separated. The upper five bits and lower five bits are
programmed to different EPROMS.
6. System oscillator (OSC1 and OSC2)
Ceramic oscillator
External clock
f =
f =
MHz
MHz
Date of order
Customer
Department
ROM code name
LSI number
(to be filled in
by HITACHI)
/
/
1. ROM Size
Please check off the appropriate applications and
enter the necessary information.
HD404612
HD404614
HD404616
HD404618
2-kword
4-kword
6-kword
8-kword
2. Optional Functions
Note: * Options marked with an asterisk require a subsystem
crystal oscillator
*
*
With 32-kHz CPU operation, with time-base for clock
Without 32-kHz CPU operation, with time-base for clock
Without 32-kHz CPU operation, without time-base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com