Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7481 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 38Page - Renesas Technology Corp 7481 Datasheet HTML 39Page - Renesas Technology Corp 7481 Datasheet HTML 40Page - Renesas Technology Corp 7481 Datasheet HTML 41Page - Renesas Technology Corp 7481 Datasheet HTML 42Page - Renesas Technology Corp 7481 Datasheet HTML 43Page - Renesas Technology Corp 7481 Datasheet HTML 44Page - Renesas Technology Corp 7481 Datasheet HTML 45Page - Renesas Technology Corp 7481 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
41
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Recovery From Power-down Status By Key
Input Interrupt
(Key-on wake-up)
“Key-on wake-up” is one way of recovery from a power-down sta-
tus by using the STP or WIT instruction.
If an “L” level voltage is input to any pin of port P0 when bit 5 of
the edge polarity selection register is “1”, an interrupt occurs, and
a recovery can be made to the normal operating state. If a key
matrix of active “L” with port P0 as an input port is constructed, a
recovery can be made to the normal operating status by pressing
a key.
The key input interrupt is in common with the INT1 interrupt. When
bit 5 of the edge polarity selection register is set to “1”, the key in-
put interrupt function is selected. If this bit is set to “1” except in
the power-down status, both INT1 and key-on wake-up are invali-
dated.
Fig. 43 Block diagram of interrupt input/key-on wake-up circuit
P41/CNTR1
P40/CNTR0
P30/INT0
P31/INT1
P07
P01
EG3
Port P41 data read circuit
CNTR1 interrupt request signal
Port P40 data read circuit
EG0
Port P30 data read circuit
INT0 interrupt request signal
Port P31 data read circuit
INT1 interrupt request signal
CPU stop status signal
Port P0 data read circuit
EG1
EG5
P00
EG2
CNTR0 interrupt request signal
Pull-up control
register
Direction register
Pull-up control
register
Direction register
Pull-up control
register
Direction register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com