Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7481 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 7481
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7481 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 7481 Datasheet HTML 5Page - Renesas Technology Corp 7481 Datasheet HTML 6Page - Renesas Technology Corp 7481 Datasheet HTML 7Page - Renesas Technology Corp 7481 Datasheet HTML 8Page - Renesas Technology Corp 7481 Datasheet HTML 9Page - Renesas Technology Corp 7481 Datasheet HTML 10Page - Renesas Technology Corp 7481 Datasheet HTML 11Page - Renesas Technology Corp 7481 Datasheet HTML 12Page - Renesas Technology Corp 7481 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
8
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Number of basic instructions
Instruction execution time
Clock input oscillation frequency
Serial I/O
Timers
Subroutine nesting
Interrupt
71 (740 family 69 basic instructions + 2 multiplication/division instructions)
0.5
µs (Minimum instructions, at 8 MHz clock input oscillation frequency)
8 MHz (max.)
16384 bytes
8192 bytes
4096 bytes
448 bytes
256 bytes
128 bytes
8 bits ! 2
4 bits ! 1
5 V
–5 to 10 mA (P0, P1: CMOS tri-states), 10 mA (P4, P5: N channel)
8 bits ! 1
16-bit timer x 2, 8-bit timer x 2
192 max.
96 max.
64 max.
5 external interrupts, 8 internal interrupts, 1 software interrupt
Built-in circuit with feedback resistor (with external ceramic oscillator)
Built-in circuit
2.7 to 4.5 V (at f(XIN) = (2.2VCC – 2) MHz)
4.5 to 5.5 V (at f(XIN)=8 MHz)
35 mW (standard, at 8 MHz clock input oscillation frequency)
–20 to 85 °C (–40 to 85 °C for extended operating temperature range version)
CMOS silicon gate
8 bits ! 1
4 bits ! 1
4 bits ! 1
4 bits ! 1
2 bits ! 1
—————
FUNCTIONS OF 7480/7481 GROUP
Table 2. Functions of 7480/7481 group
8 bits ! 4 analog inputs
(in common with P2)
8 bits ! 8 analog inputs
(in common with P2)
42-pin SDIP/44-pin OFP
32-pin SDIP/32-pin SOP
Functions
M37480M4/M8/E8-XXXSP/FP
M37480M2T/M4T/M8T/E8T-XXXSP/FP
M37481M4/M8/E8-XXXSP/FP
M37481M2T/M4T/M8T/E8T-XXXSP/FP
I/O
Input
Input
I/O
I/O
M8/E8
M4
M2
I/O withstand voltage
Output current
Memory size
I/O port
I/O characteristics
M8/E8
M4
M2
M8/E8
M4
M2
P0, P1
P2
P3
P4
P5
ROM
RAM
Parameter
A-D converter (successive comparison method)
Clock generating circuit
Watchdog timer
Power source voltage
Power dissipation
Operating temperature range
Device structure
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com